Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-SS515B Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S-SS515B
Description  Schottky diode for automotive applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-SS515B Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-SS515B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SS515B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SS515B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Low profile package
●
Ideal for automated placement
●
Low power loss, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Meets MSL level 1, per J-STD-020
●
Component in accordance to
RoHS 2011/65/EU and WEEE 2002/96/EC
Major Ratings and Characteristics
●
AEC
−Q101 Qualified and PPAP Capable
Mechanical Date
●
Case:JEDEC DO-214AA(SMB)
Molding compound meets
UL 94 V-0 flammability rating
●
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
●
Polarity: Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics (T
A = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.28x 0.28” (7.0 x 7.0mm) copper pad areas.
Tjmax.
0.50V, 0.55V, 0.70V, 0.85V,0.95V
125 °C,150°C
Unit
S-
SS520B
S-
SS515B
200
V
50
60
150
Operating junction temperature
range
TJ
℃
IF(AV)
IFSM
RθJL
5
A
150
A
20
℃/W
-65 to +125
-65 to +150
Maximum average forward
rectified current at TL (see Fig1.)
Peak forward surge current 8.3
ms single half sine-wave
superimposed on rated load
Thermal resistance from junction
to lead
(1)
IF(AV)
5.0A
VRRM
20 V to 200 V
150
200
V
14
21
28
35
42
S-
SS53B
S-
SS52B
56
70
105
140
V
S-
SS56B
S-
SS55B
IFSM
150A
VF
Characteristic
20
30
40
50
60
VRRM
80
100
S-
SS54B
80
100
Symbol
VRMS
VDC
Maximum repetitive peak reverse
voltage
Maximum RMS voltage
Maximum DC blocking voltage
S-
SS510B
S-
SS58B
20
30
40
Storage temperature range
-65 to +150
℃
TSTG
DO-214AA (SMB)
Available
Schottky diode for automotive applications
S-SS52C~S-SS520C
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - S-SS515B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
S-SS215B LEIDITECH-S-SS215B Datasheet
540Kb / 3P
Schottky diode for automotive applications
S-SS220B LEIDITECH-S-SS220B Datasheet
540Kb / 3P
Schottky diode for automotive applications
S-SS22B LEIDITECH-S-SS22B Datasheet
540Kb / 3P
Schottky diode for automotive applications
S-SS23B LEIDITECH-S-SS23B Datasheet
540Kb / 3P
Schottky diode for automotive applications
S-SS24B LEIDITECH-S-SS24B Datasheet
540Kb / 3P
Schottky diode for automotive applications
More results

Similar Description - S-SS515B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8Q SEMTECH-SLVU2.8Q Datasheet
180Kb / 9P
Low Voltage TVS Diode for Automotive Applications
logo
AVX Corporation
VC0015 AVX-VC0015 Datasheet
191Kb / 1P
Automotive Varistor for Automotive Applications
logo
STMicroelectronics
AN3361 STMICROELECTRONICS-AN3361 Datasheet
142Kb / 15P
Schottky diode avalanche performance in automotive applications
09-Sep-2011
logo
Jauch Quartz Gmbh
SMU2 JAUCH-SMU2_12 Datasheet
116Kb / 1P
recommended for automotive applications
logo
Shanghai Leiditech Elec...
S-FR3A LEIDITECH-S-FR3A Datasheet
1Mb / 3P
Schottky diode for automotive applications
S-FS3A LEIDITECH-S-FS3A Datasheet
1Mb / 3P
Schottky diode for automotive applications
S-M1 LEIDITECH-S-M1 Datasheet
1Mb / 3P
Schottky diode for automotive applications
S-SK52C LEIDITECH-S-SK52C Datasheet
779Kb / 3P
Schottky diode for automotive applications
S-SS22B LEIDITECH-S-SS22B Datasheet
540Kb / 3P
Schottky diode for automotive applications
S-SS32B LEIDITECH-S-SS32B Datasheet
1Mb / 3P
Schottky diode for automotive applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com