Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-SS53B Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S-SS53B
Description  Schottky diode for automotive applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-SS53B Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-SS53B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SS53B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SS53B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
TA=25℃
TA=100℃
Note 2: Pulse test:300μs pulse width,1% duty cycle
Characteristic Curves
(TA=25 ℃ unless otherwise noted)
Items
Test conditions
Symbol
S-
SS52B
V
mA
Instantaneous forward
voltage
0.55
0.70
(TA = 25 °C unless otherwise noted)
0.85
0.95
Reverse current
IF=5.0A
(2)
VR=VDC
VF
IR
0.50
0.5
10.0
5.0
Unit
S-
SS515~520B
S-
SS58~510B
S-
SS55~56B
S-
SS53~54B
0
30
60
90
120
150
1
10
100
Number of Cycles at 60 Hz
Fig.2 Maximum Non-repetitive Peak Forward
Surge Current
0.001
0.01
0.1
1.0
10
100
0
20
40
60
80
100
Percent Of Rated Peak Reverse Voltage(%)
Fig.4 Typical Reverse Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
30
60
90
120
150
Lead Temperature (℃)
Fig.1 Forward Current Derating Curve
0.01
0.1
1
10
100
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
Instantaneous Forward Voltage (V)
Fig.3 Typical Instantaneous Forward
Characteristics
S-SS52B
S-SS53B~S-SS54B
S-SS55B~S-SS56B
S-SS58B~S-SS510B
S-SS515B~S-SS520B
T
J = 100 °C
T
J = 25 °C
S-SS52B~S-SS56B
S-SS58B~S-SS520B
S-SS52C~S-SS520C
Rev :
www.leiditech.com
01.06.2018
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com