Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSML100 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # TSML100
Description  Small size of 0603 Low resistance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

TSML100 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  TSML100 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd TSML100 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size of 0603
Low resistance
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
Fast time-to-trip
Agency Recognition: UL、CSA、TUV
Product Dimensions (mm)
Part number
A
B
C
D
E
Part
marking
Typ.
Typ.
Typ.
Typ.
Typ.
TSML100
1.60±0.20
0.80±0.20
0.50±0.20
0.35±0.15
0.20±0.15
—
Electrical Characteristics
Part number
IH
IT
Vmax
Imax
Ttrip
Pd typ
Rmin
R1max
(A)
(A)
(V)
(A)
Current(A)
Time(S)
(W)
(
Ω )
(
Ω )
TSML100
1.00
1.80
6
50
8.0
2
0.5
0.030
0.150
IH=Hold current: maximum current at which the device will not trip at 25℃ still air.
IT=Trip current: minimum current at which the device will always trip at 25℃ still air.
Vmax=Maximum voltage device can withstand without damage at rated current.
Imax=Maximum fault current device can withstand without damage at rated voltage.
Ttrip=Maximum time to trip(s) at assigned current.
Pdtyp=Typical power dissipation: typical amount of power dissipated by the device when in state air environment.
Rmin=Minimum device resistance at 25℃ prior to tripping.
R1max=Maximum device resistance measured in the nontripped state 1 hour post reflow.
Thermal Derating
LP-TSML100
Maximum ambient operating temperature(℃)
-40
-20
0
20
25
40
50
60
70
85
Hold Current (A)
1.34
1.17
1.08
1.02
1.00
0.82
0.74
0.68
0.57
0.40
Trip Current (A)
2.68
2.34
2.16
2.04
2.00
1.64
1.48
1.36
1.14
0.80
TSML100
Rev :
www.leiditech.com
01.06.2015
1/2


Similar Part No. - TSML100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML1000 VISHAY-TSML1000 Datasheet
39Kb / 4P
Extented Power IR Emitting Diode in SMD Package
08-Mar-05
TSML1000 VISHAY-TSML1000 Datasheet
353Kb / 10P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
08-Mar-05
TSML1000 VISHAY-TSML1000 Datasheet
241Kb / 9P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
04-Sep-08
TSML1000 VISHAY-TSML1000 Datasheet
199Kb / 9P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
30-Jun-11
TSML1000 VISHAY-TSML1000 Datasheet
198Kb / 9P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
More results

Similar Description - TSML100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
logo
Frontier Electronics.
BL2450K06031T FRONTIER-BL2450K06031T Datasheet
170Kb / 2P
Surface mount ceramic balun with a small size of 1.6 x 0.8 x 0.5 mm (0603 size).
BM2450K0603AT FRONTIER-BM2450K0603AT Datasheet
161Kb / 2P
BM2450K0603AT BALUN SPECIFICATION
Rev. A
logo
Illinois Capacitor, Inc...
SML ILLINOISCAPACITOR-SML Datasheet
239Kb / 3P
Small size ??Low cost
107SML016M ILLINOISCAPACITOR-107SML016M Datasheet
306Kb / 3P
Small Size ??Low Cost
107SML063M ILLINOISCAPACITOR-107SML063M Datasheet
306Kb / 3P
Small Size ??Low Cost
logo
Anaren Microwave
BD2326L50200AHF ANAREN-BD2326L50200AHF Datasheet
198Kb / 5P
Ultra Small Low Profile 0603 Balun
logo
Ningbo Tianbo Ganglian ...
HJR4102 TIANBO-HJR4102 Datasheet
1Mb / 3P
Small size and low cost
logo
Shanghai Leiditech Elec...
ISML110 LEIDITECH-ISML110 Datasheet
405Kb / 2P
Small size of 0805 Low risistance
logo
Murata Manufacturing Co...
TZV2Z100A110B00 MURATA1-TZV2Z100A110B00_V01 Datasheet
272Kb / 3P
Small size with external dimensions of
Last updated06/17/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com