Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-SS28B Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S-SS28B
Description  Schottky diode for automotive applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-SS28B Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-SS28B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SS28B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SS28B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
TA=25℃
TA=100℃
Note 2: Pulse test:300
μs pulse width,1% duty cycle
Characteristic Curves
(TA=25 ℃ unless otherwise noted)
Items
V
mA
Instantaneous forward
voltage
0.55
0.70
0.85
0.95
Reverse current
5.0
Unit
S-
SS215~220B
S-
SS28~210B
S-
SS25~26B
S-
SS23~24B
Test conditions
Symbol
S-
SS22B
IF=2.0A
(2)
VR=VDC
VF
IR
0.50
0.5
(TA = 25 °C unless otherwise noted)
1
10
100
0
10
20
30
40
60
Number of Cycles at 60 Hz
50
Fig3. Typical Instantaneous Forward Characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
Instantaneous Forward Voltage (V)
Fig 4. Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
S-SS23~24B
S-SS25~26B
S-SS28~210B
S-SS215~220B
Fig 2. Maximum Non-Repetitive Peak Forward Surge Current
S-SS22B
0
20
40
60
80
100
100
10
1
0.1
0.01
0.001
T
A = 100 °C
T
A = 25 °C
0
50
75
100
125
150
0
0.4
0.8
1.6
2.4
1.2
2.0
25
Fig 1. Forward Current Derating Curve
Lead Temperature (°C)
S-SS22~26B
S-SS28~220B
S-SS22B~S-SS210B
Rev :
www.leiditech.com
01.06.2019
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com