Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSML200 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # TSML200
Description  Lead-free and compliant with the European Union RoHS Directive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

TSML200 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  TSML200 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd TSML200 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size of 0603
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
Fast tripping resettable circuit protection
Surface mount packaging for automated assembly
Agency Recognition:
UL,CSA
Product Dimensions (mm)
A
B
C
D
E
Part number
Max.
Max.
Max.
Min.
Min.
TSML200
1.80
1.00
1.10
0.15
0.05
Electrical Characteristics
IH
IT
Vmax
Imax
Ttrip
Pd typ
Rmin
R1max
Part number
(A)
(A)
(V)
(A)
Current(A)
Time(S)
(W)
(Ω)
(Ω)
TSML200
2.00
4.00
6.0
50.0
8.0
1.0
0.5
0.012
0.065
IH=Hold current: maximum current at which the device will not trip at 25℃ still air.
IT=Trip current: minimum current at which the device will always trip at 25℃ still air.
Vmax=Maximum voltage device can withstand without damage at rated current.
Imax=Maximum fault current device can withstand without damage at rated voltage.
Ttrip=Maximum time to trip(s) at assigned current.
Pdtyp=Typical power dissipation: typical amount of power dissipated by the device when in state air environment.
Rmin=Minimum device resistance at 25℃ prior to tripping.
R1max=Maximum device resistance measured in the nontripped state 1 hour post reflow.
Thermal Derating
Maximum ambient operating temperature(℃)
LP-TSML200
-40
-20
0
20
25
40
50
60
70
85
Hold Current (A)
2.63
2.27
2.10
2.05
2.00
1.63
1.45
1.37
1.12
0.82
Trip Current (A)
5.26
4.54
4.20
4.10
4.00
3.26
2.90
2.74
2.24
1.64
TSML200
Rev :
www.leiditech.com
01.06.2015
1/2


Similar Part No. - TSML200

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
TSML100 LEIDITECH-TSML100 Datasheet
467Kb / 2P
Small size of 0603 Low resistance
logo
Vishay Siliconix
TSML1000 VISHAY-TSML1000 Datasheet
39Kb / 4P
Extented Power IR Emitting Diode in SMD Package
08-Mar-05
TSML1000 VISHAY-TSML1000 Datasheet
353Kb / 10P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
08-Mar-05
TSML1000 VISHAY-TSML1000 Datasheet
241Kb / 9P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
04-Sep-08
TSML1000 VISHAY-TSML1000 Datasheet
199Kb / 9P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
30-Jun-11
More results

Similar Description - TSML200

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SVPC PANASONICBATTERY-SVPC Datasheet
76Kb / 2P
RoHS directive Halogen-Free Compliant
logo
List of Unclassifed Man...
20SEQP22M ETC2-20SEQP22M Datasheet
81Kb / 2P
RoHS directive/Halogen-free compliant
20SVPA10M ETC2-20SVPA10M Datasheet
66Kb / 2P
RoHS directive/Halogen-free compliant
logo
Yellow Stone Corp
GPL YSTONE-GPL Datasheet
492Kb / 2P
Compliant to the RoHS directive
logo
Shanghai Leiditech Elec...
HL250-180 LEIDITECH-HL250-180 Datasheet
510Kb / 2P
Lead-free, halogen-free and compliant with the European Union RoHS Directive 2011/65/EU
LB080F LEIDITECH-LB080F Datasheet
433Kb / 2P
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
LP-MSM050 LEIDITECH-LP-MSM050 Datasheet
376Kb / 1P
Lead-free and compliant with the European Union RoHS Directive
SN250-180 LEIDITECH-SN250-180 Datasheet
293Kb / 1P
Chip devices Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
ISML200 LEIDITECH-ISML200 Datasheet
472Kb / 2P
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
MSM150 LEIDITECH-MSM150 Datasheet
247Kb / 2P
Lead-free and compliant with the European Union RoHS Directive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com