Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-SS38B Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S-SS38B
Description  Schottky diode for automotive applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-SS38B Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-SS38B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SS38B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SS38B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristic Curves
(TA=25 ℃ unless otherwise noted)
1
10
100
0
20
40
60
80
120
Number of Cycles at 60 Hz
100
Fig3. Typical Instantaneous Forward Characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
Instantaneous Forward Voltage (V)
S-SS33B~34B
S-SS35B~36B
S-SS38B~310B
S-SS315B~320B
Fig 2. Maximum Non-Repetitive Peak Forward Surge Current
S-SS32B
0
50
75
100
125
150
0
0.5
1.0
2.0
3.0
1.5
2.5
25
Fig 1. Forward Current Derating Curve
Lead Temperature (°C)
S-SS32B~S-SS36B
S-SS38B~S-SS320B
Fig 4. Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0
20
40
60
80
100
100
10
1
0.1
0.01
0.001
T
A = 100 °C
T
A = 25 °C
Electrical Characteristics
TA=25℃
TA=100℃
Note 2: Pulse test:300μs pulse width,1% duty cycle
Unit
S-
SS315~320B
S-
SS38~310B
S-
SS35~36B
S-
SS33~34B
Items
Test conditions
Symbol
S-
SS32B
V
mA
Instantaneous forward
voltage
0.55
0.70
0.85
0.95
Reverse current
IF=3.0A
(2)
VR=VDC
VF
IR
0.50
0.5
10.0
5.0
(TA = 25 °C unless otherwise noted)
S-SS32B~S-SS310B
Rev :
www.leiditech.com
01.06.2018
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com