Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBW20 Datasheet(PDF) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EBW20
Description  0.8mm Contact Spacing, Board To Wire Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EBW20 Datasheet(HTML) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EBW20 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EBW20 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
For the latest product information, Please visit our website at http://www.ece.com.tw
Connector
■ PART NUMBERING SYSTEM
EBW20 - P 08 H 2 1 N - 42 Z - E 3800
No. of Connectors
Package Type:
E: Embossed Type
Z: RoHS Compliant
Plating Type:
31: Sn over Nickel
42: Au over Nickel
Color:
N: White Natural
Material:
1: LCP
Height:
2: 1.75mm
Termination Type:
H: Horizontal
V: Vertical
Count of Contacts:
02:2Pin. ~ 22:22Pin.
Connector Type:
P: Plug connector
S: Socket connector
Series Name: EBW20
■ DIMENSIONS UNIT:mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com