Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2126 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2126
Description  White LED driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2126 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2126 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2126 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2126 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2126 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2126 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2126 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2126 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2126 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2126 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Parameter
Symbol
Value
Unit
Input Voltage
VIN
10
V
SW Voltage
36
V
FB Voltage
10
V
SHDN Voltage
10
V
Maximum Junction Temperature
125
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
300
oC
ESD (Machine Model)
250
V
Note 1:
Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indi-
cated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended
periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Operating Temperature Range
TOP
-40
85
oC
Operating Voltage Range
2.5
10
V
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)
WHITE LED DRIVER
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com