Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2103 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2103
Description  Chip Data Manual V1.0
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2103 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2103 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
C1
+15V
0.1uF
U1
Vcc
GND
LO
VS
HO
HM2103
1
2
3
4
5
6
7
8
HIN
VB
L IN
+Vin
C2
HIN
LIN
Q1
Q2
C3
C4
10nF
10nF
47uF
OUT
D1 1N4148
D2 1N4148
D3
FR107
R1
R2
R3
2
图 6-2. HM2103典型应用电路图——大功率电机场合应用
C1
+15V
0.1uF
U1
Vcc
GND
LO
VS
HO
HM2103
1
2
3
4
5
6
7
8
HIN
VB
L IN
+Vin
C2
HIN
LIN
Q1
Q2
C3
C4
10nF
10nF
47uF
OUT
D1 1N4148
D2 1N4148
R1
R2
D3
FR107
图 6-3. HM2103典型应用电路图——外接自举二极管应用
大功率 MOS 管、IGBT 管栅极驱动芯片
4 / 10
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com