Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2006 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2006
Description  High and Low Side Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2006 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2006 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2006 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2006 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2006 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2006 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 / 6
January 21, 2015
Version 1.1
 
 
 
Symbol
 
Definition
MIN.
TYP.
 
MAX.
 
Units
 
VIH
 
Logic “1”(HIN & LIN) input voltage
 
2.5
 
-
 
-
 
VIL
 
Logic “0” (HIN & LIN) input voltage
 
-
 
-
 
0.8
 
VOH
 
High level output voltage, VBIAS - VO
 
-
 
-
 
0.3
 
VOL
 
Low level output voltage, VO
 
-
 
-
 
0.3
 
 
 
V
 
IQCC
 
Quiescent VCC supply current
 
-
 
150
 
270
 
IQBS
 
Quiescent VB supply current
 
-
 
30
 
55
 
ILK
 
Leakage current from VS(600V) to GND
 
 
-
 
50
 
IIN+
 
Logic “1” input bias current
 
-
 
6
 
10
 
IIN-
 
Logic “0” input bias current
 
-
 
1
 
2
 
 
 
 
μA
 
IO+
 
Output high short circuit pulsed current
 
 
450
 
 
IO-
 
Output low short circuit pulsed current
 
 
900
 
 
 
mA
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified.
Logic Function
Timing
Spec
A version
B version
HM2006



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com