Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1810 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1810
Description  Single-channel LED Constant Current Driver Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1810 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1810 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1810 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1810 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1810 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1810 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1810 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2. Application based on PWM dimming
LED1
LED2
LEDn
HM1810
12
3
GND
NC
OUT
DC POWERINPUT
R1
Q1
MOSFETN
PWM 控制
Figure 3
As shown in Figure 3, PWM signal controls the conduction and cutting off of
HM1810 via the switch
circuit; when chip works in periodic on-off state, withstand voltage at OUT pin of
HM1810 can achieve 24V,
that is to say, when PWM signal is turned off, voltage at OUT pin of
HM1810 can be DC24.0V; while
conduction duty cycle shouldn’t be too high; and specific application reference is as follows:
HM1810-2:turn-on time duty cycle is less than 50%;
HM1810-3:turn-on time duty cycle is less than 30%.
If the remaining voltage that power voltage deducts overall voltage drop of serial LED lamp is higher,
divider resistance R1 should be serially connected to circuit so as to share voltage and power according to
Figure 3.
3. Notes of PCB design
In order to reduce working temperature of
HM1810 area of PCB copper foil connected with HM1810 pin
should be enlarged go the greatest extent so as to achieve better and quick radiating effect. Please refer to the
figure below.
-
4 -
Single-channel LED Constant Current Driver Chip HM1810
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com