Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRDPB26W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DRDPB26W
Description  COMPLEX ARRAY FOR RELAY DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DRDPB26W Datasheet(HTML) 2 Page - Diodes Incorporated

  DRDPB26W Datasheet HTML 1Page - Diodes Incorporated DRDPB26W Datasheet HTML 2Page - Diodes Incorporated DRDPB26W Datasheet HTML 3Page - Diodes Incorporated DRDPB26W Datasheet HTML 4Page - Diodes Incorporated DRDPB26W Datasheet HTML 5Page - Diodes Incorporated DRDPB26W Datasheet HTML 6Page - Diodes Incorporated DRDPB26W Datasheet HTML 7Page - Diodes Incorporated DRDPB26W Datasheet HTML 8Page - Diodes Incorporated DRDPB26W Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DS30573 Rev. 8 - 2
2 of 9
DRD (xxxx) W
www.diodes.com
Maximum Ratings, DRDP006W PNP Transistor @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current (Note 3)
IC
-600
mA
Maximum Ratings, DRDNB16W Pre-Biased NPN Transistor @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
50
V
Input Voltage
VIN
-5 to +10
V
Output Current
IC
600
mA
Maximum Ratings, DRDNB26W Pre-Biased NPN Transistor
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
50
V
Input Voltage
VIN
-5 to +5
V
Output Current
IC
600
mA
@ TA = 25
°C unless otherwise specified
Maximum Ratings, DRDPB16W Pre-Biased PNP Transistor
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
-50
V
Input Voltage
VIN
+5 to -10
V
Output Current
IC
600
mA
Maximum Ratings, DRDPB26W Pre-Biased PNP Transistor
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
-50
V
Input Voltage
VIN
+5 to -5
V
Output Current
IC
-600
mA
Maximum Ratings, Switching Diode
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 3)
IFM
500
mA
Average Rectified Output Current (Note 3)
IO
250
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
µs
@ t = 1.0s
IFSM
4.0
2.0
A
@ TA = 25
°C unless otherwise specified
@ TA = 25
°C unless otherwise specified
@ TA = 25
°C unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com