Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRDPB16W Datasheet(PDF) 9 Page - Diodes Incorporated

Part # DRDPB16W
Description  COMPLEX ARRAY FOR RELAY DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DRDPB16W Datasheet(HTML) 9 Page - Diodes Incorporated

  DRDPB16W Datasheet HTML 1Page - Diodes Incorporated DRDPB16W Datasheet HTML 2Page - Diodes Incorporated DRDPB16W Datasheet HTML 3Page - Diodes Incorporated DRDPB16W Datasheet HTML 4Page - Diodes Incorporated DRDPB16W Datasheet HTML 5Page - Diodes Incorporated DRDPB16W Datasheet HTML 6Page - Diodes Incorporated DRDPB16W Datasheet HTML 7Page - Diodes Incorporated DRDPB16W Datasheet HTML 8Page - Diodes Incorporated DRDPB16W Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DS30573 Rev. 8 - 2
9 of 9
DRD (xxxx) W
www.diodes.com
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
RDxx = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: S = 2005
M = Month ex: 9 = September
Date Code Key
RDxx
Device
Marking Code
Packaging
Shipping
DRDN010W-7
RD01
SOT-363
3000/Tape & Reel
DRDN005W-7
RD07
SOT-363
3000/Tape & Reel
DRDP006W-7
RD02
SOT-363
3000/Tape & Reel
DRDNB16W-7
RD03
SOT-363
3000/Tape & Reel
DRDNB26W-7
RD04
SOT-363
3000/Tape & Reel
DRDPB16W-7
RD05
SOT-363
3000/Tape & Reel
DRDPB26W-7
RD06
SOT-363
3000/Tape & Reel
Ordering Information (Note 5)
Sample Applications
Relay
DRDN010W/
DRDN005W
R1
R2
RL
Application Example: DRDN010W/DRDN005W
current sink configuration, bias resistors not included
Application Example: DRDP006W current source
configuration, bias resistors not included
Notes:
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Relay
DRDP006W
R1
R2
RL
Relay
DRDNB16W
1kΩ
10kΩ
RL
Application Example: DRDNB16W current sink
configuration with built-in bias resistors
Relay
DRDPB26W
220Ω
4.7kΩ
RL
Relay
DRDPB16W
1kΩ
10kΩ
RL
Relay
DRDNB26W
220Ω
4.7kΩ
RL
Application Example: DRDPB26W current source
configuration with built-in bias resistors (low R1)
Application Example: DRDPB16W current source
configuration with built-in bias resistors
Application Example: DRDNB26W current sink
configuration with built-in bias resistors (low R1)
Year
2005
2006
2007
2008
2009
Code
S
T
U
V
W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com