Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4530C Datasheet(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # SSG4530C
Description  N-Channel and P-Channel MOSFET use advanced trench technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

SSG4530C Datasheet(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  SSG4530C Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SSG4530C Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SSG4530C Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SSG4530C Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SSG4530C Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SSG4530C Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SSG4530C Datasheet HTML 7Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SSG4530C Datasheet HTML 8Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.doingter.cn
—
1 —
Description:
This N-Channel and P-Channel MOSFET use advanced trench
Technology To provide excellent RDS(ON),low gate charge.
This device may be usedto form a level shifted high side switch,
and for a host of other application.
Features:
1) N-Channel:V DS=30V,ID= 6A,RDS(ON)<32mΩ@VGS=10V
P-Channel: V DS=-30V,ID=-6A,RDS(ON)<65mΩ@VGS=-10V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra RDS(ON).
5) Excellent package for good heat dissipation.
Absolute Maximum Ratings:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
N-Channel
P-Channel
Units
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±12
±12
V
ID
Continuous Drain Current- Tj=150℃
6
-6
A
Continuous Drain Current-TC=70℃
5.8
-5
±30
A
PD
Power Dissipation Ta=25℃
2
W
Pulsed Drain Current Ta=25℃
1.44
℃/ W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
℃
Thermal Characteristics:
Symbol
Parameter
N-Channel
P-Channel
Units
G2
D1
D1
D2
D2
S1
G1
S2
℃/W
RƟJA
Thermal Resistance,Junction to Ambient
110
IDM
Pulsed Drain Current
A
B
A
A
SSG4530C


Similar Part No. - SSG4530C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4530C SECOS-SSG4530C Datasheet
744Kb / 6P
N & P-Ch Enhancement Mode Power MOSFET
SSG4530C SECOS-SSG4530C_15 Datasheet
744Kb / 6P
N & P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4530C

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AM4512C DOINGTER-AM4512C Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench Technology
AM4520H DOINGTER-AM4520H Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET use advanced trench Technology
AM4530C DOINGTER-AM4530C Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench Technology
AM4542C DOINGTER-AM4542C Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench Technology
AP4539GM-HF DOINGTER-AP4539GM-HF Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET use advanced trench Technology
AP5521GM-HF DOINGTER-AP5521GM-HF Datasheet
2Mb / 7P
N-Channel and P-Channel MOSFET use advanced trench Technology
FW344A DOINGTER-FW344A Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench technology
SPC4527 DOINGTER-SPC4527 Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench Technology
SPC4539 DOINGTER-SPC4539 Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench Technology
SSG4510 DOINGTER-SSG4510 Datasheet
2Mb / 7P
N-Channel and P-Channel MOSFET use advanced trench Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com