Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2940 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2940
Description  High Efficiency Linear Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2940 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2940 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2940 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2940 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2940 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPECIFICATION
Table 1.
COPPER AREA
TOP SIDE*
BACK SIDE
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
2500 Sq. mm
2500 Sq. mm
2500 Sq. mm
45°C/W
1000 Sq. mm
2500 Sq. mm
2500 Sq. mm
45°C/W
225 Sq. mm
2500 Sq. mm
2500 Sq. mm
53°C/W
100 Sq. mm
2500 Sq. mm
2500 Sq. mm
59°C/W
1000 Sq. mm
1000 Sq. mm
1000 Sq. mm
52°C/W
1000 Sq. mm
0
1000 Sq. mm
55°C/W
Ripple Rejection
The ripple rejection values are measured with the adjustment pin bypassed. The impedance of
the adjust pin capacitor at the ripple frequency should be less than the value of R1 (normally
100Ωto 200Ω) for a proper bypassing and ripple rejection approaching the values shown. The
size of the required adjust pin capacitor is a function of the input ripple frequency. If R1=100Ω at
120Hz the adjust pin capacitor should be >13mF. At 10kHz only 0.16mF is needed.
The ripple rejection will be a function of output voltage, in circuits without an adjust pin bypass
capacitor. The output ripple will increase directly as a ratio of the output voltage to the reference
voltage (VOUT / VREF ).
PACKAGE DIMENSIONS
Inches (millimeters) unless otherwise noted.
3 LEAD SOT-223 PLASTIC PACKAGE
Marking: A = SOT223
;
***** = datacode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com