Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2833 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2833
Description  High-precision non-isolated step-down LED constant current driver chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2833 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2833 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2833 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2833 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2833 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2833 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2833 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2833 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2833 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
- 4 -
功能框图
应用说明
功能说明
:
HM2833是一款专用于 LED 照明的恒流驱动芯片,芯片内部集成500V 高压 MOSFET,工作在 CRM 模
式,适合全电压范围工作,具有良好的线性调整率、负载调整率以及优异的恒流特性,只需很少的外围
元器件就能实现低成本高效率的 LED 恒流控制器。
启动
:
HM2833启动电流很低,当系统上电后,启动电阻对 VDD 电容进行充电,当 VDD 达到开启阈值时,
电路即开始工作。HM2833正常工作时,内部电路的工作电流可以低至135μA 以下,并且内部具有独特
的供电机制,因此无需辅助绕组供电。
采样电阻与恒流控制
:
HM2833是工作在 CRM 模式中,其内部具有一个400mV 的基准电压,这个基准电压与系统中电
感原边峰值电流进行比较计算,通过采样电阻的调节来实现 LED 驱动电流的大小:
高精度非隔离降压型 LED
LED
LED
LED 恒流驱动芯片
HM2833
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com