Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-SERIES Datasheet(PDF) 1 Page - TXC Corporation.

Part # CS-SERIES
Description  LVPECL output, output frequencies 150 MHz to 700 MHz.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

CS-SERIES Datasheet(HTML) 1 Page - TXC Corporation.

  CS-SERIES Datasheet HTML 1Page - TXC Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
70
Think of Frequency Think of
come visit our site http://www.txccorp.com
Units: mm
Features
.
SAW base solution.
.
3.3V and 2.5V operation available.
.
LVPECL output, output frequencies 150 MHz to 700 MHz.
.
Excellent low phase noise and jitter.
.
Tri-State function available.
.
Applications : Fibre Channel, Gigabit Ethernet, Serial ATA, Serial
Attached SCSI, PCI-Express, SDH / SONET.
.
RoHS Compliant / Pb Free.
SMD LVPECL SAW
Oscillators - Differential Output
5.0 x 3.2 x 1.2 mm CS Series
T B
CSSY1H
212.5000
Electrical Specifications
Dimensions
Item / Type
CS
Output Type
Output Load
Oscillation Mode
Supply Voltage (VDD)
Frequency Range
Overall Frequency Stability *
Operating Temperature Range
Storage Temperature Range
Voltage Vol ( Max. ) / Voh ( Min. )
Rise ( Tr ) / Fall ( Tf ) Time ( 20 % ~ 80 % )
Supply Current
Symmetry
Start-up Time
Phase Jitter ( 12 KHz ~ 20 MHz )
LVPECL
50 Ω
Fundamental
2.5 V , 3.3 V
150 ~ 700 MHz
±
100 ppm , or specify
-10 ~ + 70 ℃ , - 5 ~ + 85 ℃ , or specify
- 55 ~ + 125 ℃
VDD - 1.62 V / VDD - 1.025 V
1 nS Max.
80 mA Max.
45 ~ 55 %
10 mS Max.
1 pS Max.
* Inclusive of frequency tolerance at 25 ℃, variation over temperature, supply voltage variation, aging and vibration.
1. Enable Control or NC
2. Enable Control or NC
3. GND
4. OUT
5. OUTN
6. VDD
Pad dimension tolerance ±0.2 mm
Pin Function:
Land Pattern:
Power Supply Decoupling Capacitor is Required.
Pad dimension tolerance ±0.2 mm
4
5
3
2
3
4
2
5
1.27
6
0.64
1
1
6
5.0±0.2
1.27
1.27
5
6
0.89
4
12
3


Similar Part No. - CS-SERIES

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
CS-SA HELLERMANNTYTON-CS-SA Datasheet
277Kb / 2P
Electrical Installation
October 2015
CS-SB HELLERMANNTYTON-CS-SB Datasheet
277Kb / 2P
Electrical Installation
October 2015
CS-SD HELLERMANNTYTON-CS-SD Datasheet
277Kb / 2P
Electrical Installation
October 2015
logo
CRYSTEK CORPORATION
CS-SF-MHA CRYSTEKMICROWAVE-CS-SF-MHA Datasheet
101Kb / 2P
SMA Jack Solder Clamp
CS-SF-MSC CRYSTEKMICROWAVE-CS-SF-MSC Datasheet
99Kb / 2P
SMA Jack, Solder Clamp
More results

Similar Description - CS-SERIES

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
PXO-P9-3PEM-6P QUARTZCOM-PXO-P9-3PEM-6P Datasheet
112Kb / 1P
LVPECL SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
VXO-1S-PEM-6P QUARTZCOM-VXO-1S-PEM-6P Datasheet
120Kb / 1P
High frequency SMD VCXO LVPECL Output frequency up to 700 MHz
VXO-P9-PEM-6P QUARTZCOM-VXO-P9-PEM-6P Datasheet
106Kb / 1P
SMD VCXO LVPECL Output frequency up to 700 MHz
logo
TXC Corporation.
BG-SERIES TXC-BG-SERIES Datasheet
960Kb / 1P
LVDS output, output frequencies 75 MHz to 700MHz.
CX-SERIES TXC-CX-SERIES Datasheet
936Kb / 1P
HCSL output, output frequencies 25 MHz to 200 MHz.
DB-SERIES TXC-DB-SERIES Datasheet
936Kb / 1P
LVPECL output, output frequencies 25 MHz to 200 MHz.
DE-SERIES TXC-DE-SERIES Datasheet
941Kb / 1P
LVDS output, output frequencies 25 MHz to 200 MHz.
DF-SERIES TXC-DF-SERIES Datasheet
932Kb / 1P
LVDS output, output frequencies 25 MHz to 200 MHz.
DH-SERIES TXC-DH-SERIES Datasheet
941Kb / 1P
HCSL output, output frequencies 25 MHz to 200 MHz.
DR-SERIES TXC-DR-SERIES Datasheet
948Kb / 1P
CMOS output, output frequencies 50 MHz to 200 MHz.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com