Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM70C30LL Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM70C30LL
Description  Low Power Voltage Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM70C30LL Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM70C30LL Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C30LL Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C30LL Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C30LL Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C30LL Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C30LL Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C30LL Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C30LL Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C30LL Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ver1.1
Oct 3,2011
Absolute Maximum Ratings
Supply Voltage ................................-0.3V to 12V
Operating Temperature .................-40℃ to 85℃
Storage Temperature ..................-50℃ to 125℃
Note: These are stress ratings only. Stresses exceeding the range specified under
“Absolute Maximum
Ratings
” may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
Thermal Information
Symbol
Parameter
Package
Max.
Unit
θ
JA
Thermal Resistance (Junction to
Ambient) (Assume no ambient
airflow, no heat sink)
SOT23
500
℃/W
SOT89
200
℃/W
TO92
200
℃/W
PD
Power Dissipation
SOT23
0.20
W
SOT89
0.50
W
TO92
0.50
W
Note: PD is measured at Ta= 25℃
Electrical Characteristics
VDF=0.8V~5.0V
Ta=25
℃
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDET
Detection Voltage
VDF=0.8V~2.2V
VDF=2.3V~5.0V
VDF*0.98
VDF
VDF*1.02
V
VHYS
Hysteresis Width
-
0.02
VDET
0.04
VDET
0.08
VDET
V
IDD
Operating Current
Vin=1.5V
-
0.7
2.3
μA
Vin=2.0V
-
0.8
2.7
Vin=3.0V
-
0.9
3.0
Vin=4.0V
-
1.0
3.2
Vin=5.0V
-
1.1
3.6
VDD
Operating Voltage
-
-
0.7
-
10
V
IOL
Output Sink Current
2V
VOUT=0.2V
0.5
1
-
mA
a
DF
DET
T
V
V
Temperature
Coefficient
-
-25℃
<Ta<125℃
-
±
100
-
ppm/
℃
series
Low Power Voltage Detector
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com