Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM2NB60CPROG Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # TSM2NB60CPROG
Description  N-Channel 650 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

TSM2NB60CPROG Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  TSM2NB60CPROG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd TSM2NB60CPROG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd TSM2NB60CPROG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd TSM2NB60CPROG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd TSM2NB60CPROG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd TSM2NB60CPROG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd TSM2NB60CPROG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd TSM2NB60CPROG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd TSM2NB60CPROG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
25
50
75
100
125
150
0.0
1.0
2.0
3.0
4.0
5.0
6.0
T , Case Temperature
( C)
°
C
VDS
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
RD
VGS
R G
D.U.T.
10 V
+
- VDD
VDS
90 %
10 %
VGS
td(on)
tr
td(off) tf
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (s)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
A
R
G
IAS
0.01
Ω
tp
D.U.T.
L
VDS
+
- VDD
Driver
A
15 V
20 V
tp
V DS
IAS
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
TSM2NB60CPROG
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com