Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM70C48LL Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM70C48LL
Description  Low Power Voltage Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM70C48LL Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM70C48LL Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C48LL Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C48LL Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C48LL Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C48LL Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C48LL Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C48LL Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C48LL Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70C48LL Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
series
Low Power Voltage Detector
Ver1.1
1
Oct 3,2011
Features
Low power consumption
Low temperature coefficient
Built-in hysteresis characteristic
High input voltage (up to 12V)
Output voltage accuracy: tolerance ±1% or ±2%
TO92, SOT89 and SOT23 package
Applications
Battery checkers
Level selectors
Power failure detectors
Microcomputer reset
Battery memory backup
Non-volatile RAM signal storage protectors
General Description
The
series devices area set of three
terminal low power voltage detectors implemented
in CMOS technology. Each voltage detector in the
series detects a particular fixed voltage ranging
from 0.9V to 5.0V. The voltage detectors consist of
a high-precision and low power consumption
standard voltage source as well as a comparator,
hysteresis circuit, and an output driver (CMOS
inverter or NMOS open drain). CMOS technology
ensures low power consumption.
Although designed primarily as fixed voltage
detectors, these devices can be used with external
components to detect user specified threshold
voltages.
Selection Table
Part No.
Det. Voltage
Hys. Width
Output
Tolerance
Package
HM70C09XX
0.9V
4%
CMOS
±2%
TO92
SOT89
SOT23-3
SOT23-5
HM7009XX
0.9V
4%
NMOS
±2%
1.0V
4%
CMOS
1.0V
4%
NMOS
1.1V
4%
CMOS
1.1V
4%
NMOS
1.2V
4%
CMOS
1.2V
4%
NMOS
…
…
4%
…
5.0V
4%
CMOS
5.0V
4%
NMOS
Order Information
①②③④⑤
DESIGNATOR
DESCRIPTION
DESIGNATOR
DESCRIPTION
①
Output Configuration:
C=CMOS
=N-ch open drain
Package Type:
M=SOT23-3
P=SOT89
N=SOT25
T=TO-92(Standard)
L=TO-92(Custom pin configuration
②③
Detect Voltage
25=2.5V
38=3.8V
Device Orientation:
R=Embossed Taped(Right)
L=Embossed Taped(Left)
H=Paper Type(TO-92)
B=Bag(TO-92)
HM70
HM70
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
HM70C10XX
HM7010XX
HM70C11XX
HM7011XX
HM7012XX
HM70C12XX
HM7050XX
HM70C50XX
±2%
±2%
±2%
±2%
±2%
±2%
±2%
±2%
±2%
④
⑤
(space)


Similar Part No. - HM70C48LL

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM70 BITECH-HM70 Datasheet
721Kb / 3P
High Power Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
High Power Shielded Low Profile Surface Mount Inductors
logo
Vaisala
HM70 VAISALA-HM70 Datasheet
769Kb / 3P
Handheld Humidity and Temperature Meter
logo
Bi technologies
HM70-101R0LF BITECH-HM70-101R0LF Datasheet
721Kb / 3P
High Power Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM70-101R0LF TTELEC-HM70-101R0LF Datasheet
698Kb / 3P
High Power Shielded Low Profile Surface Mount Inductors
More results

Similar Description - HM70C48LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061 Datasheet
289Kb / 21P
Low Power Voltage Detector
20-Jan-2004
logo
Catalyst Semiconductor
CAT808 CATALYST-CAT808 Datasheet
193Kb / 8P
Low-Power Precision Voltage Detector
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061_06 Datasheet
193Kb / 23P
Low Power Voltage Detector
27-Jul-2006
logo
Silicon Standard Corp.
SS6680 SSC-SS6680 Datasheet
570Kb / 10P
Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
Ultra Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
Low Power Voltage Detector
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
Ultra Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com