Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19410240301 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 19410240301
Description  Han-Eco Mod.24-HBM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

19410240301 Datasheet(HTML) 1 Page - HARTING Technology Group

  19410240301 Datasheet HTML 1Page - HARTING Technology Group 19410240301 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
19 41 024 0301
Han-Eco Mod.24-HBM
Han-Eco Mod.24-HBM
Image is for illustration purposes only. Please refer to product description.
Part number
19 41 024 0301
Specification
Han-Eco Mod.24-HBM
HARTING eCatalogue
https://b2b.harting.com/19410240301
Identification
Category
Hoods/Housings
Series of hoods/housings
Han-Eco® Modular
Type of hood/housing
Bulkhead mounted housing
Version
Locking type
Double locking lever
Size
24 B
Module slots
7
Technical characteristics
Limiting temperature
-40 ... +125 °C
Number of relockings
≥500
Degree of protection acc. to IEC 60529
IP65
Material properties
Material (hood/housing)
Polyamide (PA)
Fibre-glass reinforced
Colour (hood/housing)
RAL 9005 (jet black)
Material (seal)
NBR
Colour (seal)
RAL 9005 (jet black)
Material (locking)
Polyamide (PA)
Fibre-glass reinforced
Colour (locking)
RAL 9005 (jet black)
Material flammability class acc. to UL 94
V-0
Page 1 / 2 | Creation date 2021-02-25 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 19410240301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
19410240301 ETC2-19410240301 Datasheet
552Kb / 1P
Han-Eco 24B Panel Mt Housing
19410240301 ETC2-19410240301 Datasheet
562Kb / 1P
Han-Eco 24B Panel Mt Housing
More results

Similar Description - 19410240301

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19-41-024-0523 HARTING-19-41-024-0523 Datasheet
516Kb / 2P
Han-Eco Mod.24-HSE-M40
19-41-024-0723 HARTING-19-41-024-0723 Datasheet
613Kb / 2P
Han-Eco Mod.24-HCC-M40
19-41-016-0301 HARTING-19-41-016-0301 Datasheet
497Kb / 2P
Han-Eco Mod.16-HBM
19-41-010-0301 HARTING-19-41-010-0301 Datasheet
458Kb / 2P
Han-Eco Mod.10-HBM housing
19-41-224-0301 HARTING-19-41-224-0301 Datasheet
504Kb / 2P
Han-Eco Mod.24 Outd.-HBM
19-41-216-0301 HARTING-19-41-216-0301 Datasheet
529Kb / 2P
Han-Eco Mod.16 Outd.-HBM
19-41-210-0301 HARTING-19-41-210-0301 Datasheet
478Kb / 2P
Han-Eco Mod.10 Outd.-HBM
19-41-024-5405 HARTING-19-41-024-5405 Datasheet
475Kb / 2P
Han-Eco Mod.24-C-f. HBM/HSM/HCC
19-41-024-5404 HARTING-19-41-024-5404 Datasheet
493Kb / 2P
Han-Eco Mod.24-C-f. HBM/HSM-cord
19-41-006-0301 HARTING-19-41-006-0301 Datasheet
457Kb / 2P
Han-Eco Mod.6-HBM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com