Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6SXAS Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M6SXAS
Description  Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6SXAS Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M6SXAS Datasheet HTML 1Page - M-System Co.,Ltd. M6SXAS Datasheet HTML 2Page - M-System Co.,Ltd. M6SXAS Datasheet HTML 3Page - M-System Co.,Ltd. M6SXAS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: M6SXAS
M6SXAS SPECIFICATIONS
ES-7978 Rev.6 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Digital
Computation
5
6
1
8
7
POWER
Low Drift
Amplifier
24.9 Ω
INPUT
SELECTOR
ALARM
MONITOR LED
CONFIGURATOR
JACK
2
4
3
OUTPUT
N.C.
N.O.
COM
+
–
INPUT
■ Relay Protection
• AC Powered
• DC Powered
Ry
POWER
POWER LED
STATUS
IND. LED
Varistor or CR Circuit
Diode, Varistor or
CR Circuit
LOAD
Inductive
Load (Coil)
U
LOAD
Inductive
Load (Coil)
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com