Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6SXAT-3-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M6SXAT-3-R
Description  Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6SXAT-3-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M6SXAT-3-R Datasheet HTML 1Page - M-System Co.,Ltd. M6SXAT-3-R Datasheet HTML 2Page - M-System Co.,Ltd. M6SXAT-3-R Datasheet HTML 3Page - M-System Co.,Ltd. M6SXAT-3-R Datasheet HTML 4Page - M-System Co.,Ltd. M6SXAT-3-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: M6SXAT
M6SXAT SPECIFICATIONS
ES-7992 Rev.4 Page 4/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5.9 (.23)
DIN RAIL
35mm wide
DIN RAIL HOOK
*Use a minus screwdriver: tip width 3.8 mm max., tip thickness 0.5 to 0.6 mm
102 (4.02)
[0.5 (.02)]
SCREWDRIVER
INSERTION ANGLE
: approx. 40°
WIRE INSERTION ANGLE
: approx.35°
TEST PROBE
max. 2 (.08) dia.
SCREWDRIVER *
INSERTION ANGLE
: approx. 35°
5
6
7
8
1
2
3
4
• When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Low Drift
Amplifier
7
8
1
2
4
3
NC
NO
COM
+
-
5
6
■ Relay Protection
• AC Powered
• DC Powered
POWER
+
–
OUTPUT
Ry
CONFIGURATOR
JACK
STATUS
LED
ALARM
MONITOR LED
Digital
Computation
+
–
T/C
comp. leadwire
CJC
SENSOR
POWER
POWER LED
Varistor or CR Circuit
Diode, Varistor or
CR Circuit
LOAD
Inductive
Load (Coil)
U
LOAD
Inductive
Load (Coil)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com