Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6SSN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6SSN
Description  Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6SSN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6SSN Datasheet HTML 1Page - M-System Co.,Ltd. M6SSN Datasheet HTML 2Page - M-System Co.,Ltd. M6SSN Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M6SSN
M6SSN SPECIFICATIONS
ES-7975 Rev.7 Page 1/3
http://www.m-system.co.jp/
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
INPUT LOOP POWERED ISOLATOR
Functions & Features
• Maintenance-free tension clamp connection
• 5.9-mm wide ultra-slim design
• Low profile allows the M6S module mounted in a 120-mm
deep panel
• Loop-powered design eliminates output loop power supply
• Two isolators housed in one enclosure
• High-density mounting
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: M6SSN–[1]DD[2]
ORDERING INFORMATION
• Code number: M6SSN-[1]DD[2]
Specify a code from below for each [1] and [2].
(e.g. M6SSN-2DD/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] NO. OF CHANNELS
1: 1 channel
2: 2 channels
INPUT
Current
D: 0 – 20 mA DC (4 – 20 mA DC)
OUTPUT
Current
D: 0 – 20 mA DC (4 – 20 mA DC)
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
GENERAL SPECIFICATIONS
Connection: Tension clamp
Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm
Housing material: Flame-resistant resin (black)
Isolation: Input to output; between channels
Span adjustments: ±0.5 % (front)
INPUT & OUTPUT
Equivalent input impedance: 250 Ω plus load resistance
with 20 mA input
Operational range: 0.05 – 40 mA DC (Accuracy is assured
within 0.05 – 22 mA)
Minimum operating current: 0.05 mA
Load resistance: 0 – 600 Ω
Input Current (mA)
4
12
20
10.0
4.0
6.0V (approx.)
Load resistance 50Ω
6.0
12.0
14.0
16.0
18.0
approx. 5.4
8.0
10.2V (approx.)
Load resistance 250Ω
approx. 5.2
approx. 5.0
17.4V (approx.)
Load resistance 600Ω
INSTALLATION
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Installation Base (model: M6SBS) or DIN rail
Weight: 60 g (2.1 oz)


Similar Part No. - M6SSN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6SBS MSYSTEM-M6SBS Datasheet
317Kb / 5P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SBS-08-R MSYSTEM-M6SBS-08-R Datasheet
317Kb / 5P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SBS-08-R/Q MSYSTEM-M6SBS-08-R/Q Datasheet
317Kb / 5P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SBS-08-R/UL MSYSTEM-M6SBS-08-R/UL Datasheet
317Kb / 5P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SBS-08/Q-R MSYSTEM-M6SBS-08/Q-R Datasheet
317Kb / 5P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
More results

Similar Description - M6SSN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6SPS1 MSYSTEM-M6SPS1 Datasheet
134Kb / 3P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SPA MSYSTEM-M6SPA Datasheet
146Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SDM MSYSTEM-M6SDM Datasheet
117Kb / 2P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SCTC MSYSTEM-M6SCTC Datasheet
139Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SBS MSYSTEM-M6SBS Datasheet
317Kb / 5P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXR MSYSTEM-M6SXR Datasheet
166Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXF1 MSYSTEM-M6SXF1 Datasheet
205Kb / 6P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SWVS MSYSTEM-M6SWVS Datasheet
144Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVS MSYSTEM-M6SVS Datasheet
143Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVF MSYSTEM-M6SVF Datasheet
137Kb / 3P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com