Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6SVF-04W-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6SVF-04W-R
Description  Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6SVF-04W-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6SVF-04W-R Datasheet HTML 1Page - M-System Co.,Ltd. M6SVF-04W-R Datasheet HTML 2Page - M-System Co.,Ltd. M6SVF-04W-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M6SVF
M6SVF SPECIFICATIONS
ES-7994 Rev.4 Page 1/3
http://www.m-system.co.jp/
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
SIGNAL TRANSMITTER
(high-accuracy, ultra-high speed response 30 μsec.)
Functions & Features
• Maintenance-free tension clamp connection
• 5.9-mm wide ultra-slim design
• Low profile allows the M6S module mounted in a 120-mm
deep panel
• Galvanically isolates process instrumentation signals
• 30-microsecond response
• Frequency characteristics 12 kHz (-3 dB)
• High-density mounting
• Power indicator LED
Typical Applications
• Isolation for a vibration analyzing system
• Isolation for Discharge/Charge tester
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: M6SVF–[1]4W–R[2]
ORDERING INFORMATION
• Code number: M6SVF-[1]4W-R[2]
Specify a code from below for each [1] and [2].
(e.g. M6SVF-04W-R/Q)
• Special input range (For code 0: e.g. -164 – +164 mV DC)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Voltage
2W: -100 – +100 mV DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
8W: -20 – +20 V DC (Input resistance 1 MΩ min.)
0: Specify voltage
(Select input range as indicated below. Input resistance 1 MΩ min.)
-20 – +20 mV DC
-24 – +24 mV DC
-40 – +40 mV DC
-85 – +85 mV DC
-164 – +164 mV DC
-200 – +200 mV DC
-15 – +15 V DC
-25 – +25 V DC
-55 – +55 V DC
-60 – +60 V DC
OUTPUT
Voltage
4W: -10 – +10 V DC (Load resistance 2000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
GENERAL SPECIFICATIONS
Connection
Input and output: Tension clamp
Power input: Via the Installation Base (model: M6SBS)
or Tension clamp
Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange input: -5 to +105 %
Zero adjustment: -1 to +1 % (front)
Span adjustment: 99 to 101 % (front)
Power LED: Green light turns on when the power is supplied.
INPUT SPECIFICATIONS
Input resistance: 1 MΩ min. (3 kΩ min. at power loss)
OUTPUT SPECIFICATIONS
Parallel load capacitance: Max. 2000 pF


Similar Part No. - M6SVF-04W-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6SVS MSYSTEM-M6SVS Datasheet
143Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVS-00-M2 MSYSTEM-M6SVS-00-M2 Datasheet
143Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVS-00-M2/K MSYSTEM-M6SVS-00-M2/K Datasheet
143Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVS-00-M2/Q MSYSTEM-M6SVS-00-M2/Q Datasheet
143Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVS-00-M2/UL MSYSTEM-M6SVS-00-M2/UL Datasheet
143Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
More results

Similar Description - M6SVF-04W-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6SPS1 MSYSTEM-M6SPS1 Datasheet
134Kb / 3P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SPP MSYSTEM-M6SPP Datasheet
157Kb / 5P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SPA MSYSTEM-M6SPA Datasheet
146Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SDM MSYSTEM-M6SDM Datasheet
117Kb / 2P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SCTC MSYSTEM-M6SCTC Datasheet
139Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SBS MSYSTEM-M6SBS Datasheet
317Kb / 5P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXR MSYSTEM-M6SXR Datasheet
166Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXF1 MSYSTEM-M6SXF1 Datasheet
205Kb / 6P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SWVS MSYSTEM-M6SWVS Datasheet
144Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVS MSYSTEM-M6SVS Datasheet
143Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com