Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6SXF2-S2S2V3-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M6SXF2-S2S2V3-R
Description  Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6SXF2-S2S2V3-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M6SXF2-S2S2V3-R Datasheet HTML 1Page - M-System Co.,Ltd. M6SXF2-S2S2V3-R Datasheet HTML 2Page - M-System Co.,Ltd. M6SXF2-S2S2V3-R Datasheet HTML 3Page - M-System Co.,Ltd. M6SXF2-S2S2V3-R Datasheet HTML 4Page - M-System Co.,Ltd. M6SXF2-S2S2V3-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: M6SXF2
M6SXF2 SPECIFICATIONS
ES-7988 Rev.6 Page 5/5
http://www.m-system.co.jp/
FUNCTIONS
s FUNCTIONS
• Math Functions
Temperature compensation (w/o square root extraction)
K1X1
X0 = ––––––––––
√K2X2 + A2
where
X0 : Compensated flow (linear characteristics)
X1 : Uncompensated flow
X2 : Temperature
Temperature compensation (with square root extraction)
K1
√ X1
X0 = ––––––––––
√K2X2 + A2
where
X0 : Compensated flow (linear characteristics)
X1 : Uncompensated flow
X2 : Temperature
Pressure compensation (w/o square root extraction)
X0 = K1X1
√K2X2 + A2
where
X0 : Compensated flow (linear characteristics)
X1 : Uncompensated flow
X2 : Pressure
Pressure compensation (with square root extraction)
X0 = K1
√ X1√K2X2 + A2
where
X0 : Compensated flow (linear characteristics)
X1 : Uncompensated flow
X2 : Pressure
Addition / Subtraction
X0 = K0{K1(X1 + A1) + K2(X2 + A2)} + A0
Multiplication
X0 = K0(K1X1 + A1) (K2X2 + A2) + A0
Division
K0(K1X1 + A1)
X0 = ––––––––––––––– + A0
(K2X2 + A2)
• Signal Selector Functions
High selector
X0 = X1 with X1
≥ X2
X0 = X2 with X1 < X2
Low selector
X0 = X2 with X1
≥ X2
X0 = X1 with X1 < X2
Available range
X0 : Output (%) -2 to +102%
X1 through X2 : Input (%) -2 to +102%
K0 through K2 : Gain (no unit)
±29.999
A0 through A2 : Bias (%)
±299.99%
Factory default setting: Addition / Subtraction
K0 = 1, K1 = 1, K2 = 1, A0 = 0%, A1 = 0%, A2 = 0%
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com