Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC4606 Datasheet(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # STC4606
Description  P-Chanel and N-Channel MOSFET use advanced trench technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

STC4606 Datasheet(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  STC4606 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STC4606 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STC4606 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STC4606 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STC4606 Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STC4606 Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STC4606 Datasheet HTML 7Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. STC4606 Datasheet HTML 8Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.doingter.cn
—
1 —
Description:
This P-Chanel and N-Channel MOSFET use advanced trench technology
and design to provide excellent RDS(on) with low gate charge.
It can be used in a wide variety of applications.
Features:
1) N-Channel: VDS=30V,ID=6.5A,RDS(ON)<30mΩ@VGS=10V
P-Channel: VDS=-30V,ID=-7A,RDS(ON)<33mΩ@VGS=10V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra RDS(ON).
5) Excellent package for good heat dissipation.
Absolute Maximum Ratings:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
N-Channel
P-Channel
Units
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±20
±20
V
ID
Continuous Drain Current
6.5
-7
A
Continuous Drain Current-TC=100℃
5.4
-5.8
Pulsed Drain Current
1
30
-30
EAS
Single Pulse Avalanche Energy
3
---
---
mJ
PD
Power Dissipation
4
2
2
W
TJ, TSTG
Operating and Storage Junction Temperature
Range
-55 to +150
℃
Thermal Characteristics:
Symbol
Parameter
Channel
Max
Units
RƟJA
Thermal Resistance,Junction to Ambient
2
N-Ch
62.5
℃/W
RƟJA
Thermal Resistance,Junction to Ambient
2
P-Ch
62.5
G2
D1
D1
D2
D2
S1
G1
S2
STC4606


Similar Part No. - STC4606

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STC4606 STANSON-STC4606 Datasheet
1Mb / 8P
N&P Pair Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STC4606 VBSEMI-STC4606 Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
STC4606S8RG VBSEMI-STC4606S8RG Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - STC4606

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AM4534C DOINGTER-AM4534C Datasheet
2Mb / 8P
P-Chanel and N-Channel MOSFET use advanced trench technology
AP4543GEM-HF DOINGTER-AP4543GEM-HF Datasheet
3Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
SSG4543C DOINGTER-SSG4543C Datasheet
2Mb / 5P
N-Chanel and P-Channel MOSFET use advanced trench technology
STC4567 DOINGTER-STC4567 Datasheet
2Mb / 5P
N-Chanel and P-Channel MOSFET use advanced trench technology
UM4305 DOINGTER-UM4305 Datasheet
3Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
UP2790G-S08-R DOINGTER-UP2790G-S08-R Datasheet
2Mb / 8P
P-Chanel and N-Channel MOSFET use advanced trench technology
UTT10NP06L-S08-R DOINGTER-UTT10NP06L-S08-R Datasheet
3Mb / 7P
N-Chanel and P-Channel MOSFET use advanced trench technology
VSO030C04MC DOINGTER-VSO030C04MC Datasheet
3Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
VSO050M04MD DOINGTER-VSO050M04MD Datasheet
2Mb / 5P
N-Chanel and P-Channel MOSFET use advanced trench technology
WSP4606 DOINGTER-WSP4606 Datasheet
2Mb / 8P
P-Chanel and N-Channel MOSFET use advanced trench technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com