Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8PP Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M8PP
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8PP Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M8PP Datasheet HTML 1Page - M-System Co.,Ltd. M8PP Datasheet HTML 2Page - M-System Co.,Ltd. M8PP Datasheet HTML 3Page - M-System Co.,Ltd. M8PP Datasheet HTML 4Page - M-System Co.,Ltd. M8PP Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: M8PP
M8PP SPECIFICATIONS
ES-5484 Rev.10 Page 2/5
http://www.m-system.co.jp/
(10 msec. min. for 0 – 10 Hz)
One-shot: 1 msec. min.
■ Dry Contact
Max. frequency: 100 kHz
Sensing: Approx. 12 V DC @3 mA
ON/OFF level: ≥ 4 kΩ/6 V at OFF
≤ 1.3 kΩ/4 V at ON
■ DC Voltage Pulse: Specify detecting level, amplitude and
DC offset.
Max. frequency: 100 kHz
Waveform: Square or sine
Input impedance: 30 kΩ min.
Input amplitude: 2 – 50 V p-p
Detecting level: 2 – 10 V; 0.6 V ≤ VH – VL ≤ 1.3 V
Max. voltage between input terminals: 50 V
• 5 V, 12 V, 24 V Pulse
Max. frequency: 100 kHz
Waveform: Square or sine
Input impedance: 30 kΩ min.
Detecting H level
5 V pulse: ≥ 3 V
12 V, 24 V pulse: ≥ 6 V
Detecting L level
5 V pulse: ≤ 1 V
12 V, 24 V pulse: ≤ 4 V
■ AC Voltage Pulse: Specify amplitude and frequency.
Max. frequency: 50 kHz
Min. frequency: 1 Hz
Waveform: Sine
Input impedance: 10 kΩ min.
Input amplitude: 0.1 – 100 V p-p
Max. voltage between input terminals: 50 V
■ Two-wire Current Pulse
Max. frequency: 100 kHz
Input resistance: Receiving resistor 250 Ω
Input range: 0 – 25 mA
Detecting level: ≤ 4 mA for Lo, ≥ 12 mA for Hi
50V max.
Amplitude
Vinp-p
t
Volts
VH
VL
50V max.
Amplitude
Vinp-p
t
Volts
DC Offset
Detecting
Level
VH
VL
Amplitude
I inp-p
t
Current
I H
I L
0mA
I Pulse
• DC Voltage Pulse
• AC Voltage Pulse
• Two-wire Current Pulse
Detecting
Level
OUTPUT SPECIFICATIONS
Max. frequency: 100 kHz
■ Open Collector: 50 V DC @50 mA
Saturation voltage: 0.5 V DC
■ 5 V Pulse
Hi level: 5 V ±10 %
Lo level: ≤ 0.5 V
Load resistance: 1000 Ω min.
OUTPUT PULSE WIDTH
• One-shot Output: Constant pulse width
Output Frequency (Hz) = 500 ÷ Output Pulse Width (msec.)
Pulse width: 1 – 500 msec. (standard 50 msec. ±20 %)
INSTALLATION
Current consumption: Approx. 90 mA
Operating temperature: 0 to 55°C (32 to 131°F)
Operating humidity: 30 to 95 %RH (non-condensing)
Mounting: Installation Base (model: M8BSx)
Weight: 70 g (2.5 oz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com