Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8PP1-C0A1A11-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M8PP1-C0A1A11-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8PP1-C0A1A11-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M8PP1-C0A1A11-R Datasheet HTML 1Page - M-System Co.,Ltd. M8PP1-C0A1A11-R Datasheet HTML 2Page - M-System Co.,Ltd. M8PP1-C0A1A11-R Datasheet HTML 3Page - M-System Co.,Ltd. M8PP1-C0A1A11-R Datasheet HTML 4Page - M-System Co.,Ltd. M8PP1-C0A1A11-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: M8PP1
M8PP1 SPECIFICATIONS
ES-5378 Rev.5 Page 4/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
I/O PINS
17.5(.69)
75 (2.95)
83 (3.27)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
R
N
+
–
Isolation
Installation Base
OUTPUT 1
6
7
8
9
10
11
+
–
+
–
OUTPUT 2
POWER
Output
Driver
Output
Driver
Waveform
Shaper
3
5
1
2
4
D
A
B
C
Polarity
Inverter
Excitation
Supply
+
–
INPUT
+
SENSOR EXC.
One-Shot
POLARITY SW
*
* Provided only when the sensor excitation option is selected.
**Provided only when the one-shot output option is selected.
A
C
B
4kΩ
■ Dry Contact
Input Connection Examples
Vsns
■ 2-Wire Current Pulse
• Built-in Excitation
A
C
B
–
+
Vsns
2-WIRE
PICK-UP
• External DC Supply
A
C
B
–
Vsns
2-WIRE
PICK-UP
+
+
DC SUPPLY
–
■ DC Voltage Pulse
A
C
B
+
+
–
–
Vsns
PWR
■ AC Voltage Pulse
A
C
B
+
–
Vsns
PWR
■ Open Collector
Output Connection Examples
+
–
6
7
+
–
■ Voltage Pulse
+
–
6
7
+
–
+
–
8
9
+
–
+
–
8
9
+
–
250Ω
250Ω
+
+
–
–
PWR
+12V
**



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com