Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8DM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8DM
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8DM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8DM Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL: M8DM
M8DM SPECIFICATIONS
ES-5451 Rev.0 Page 1/1
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
BLANK FILLER MODULE
Functions and Features
• Blank filler module for mounting in unused slots of
clustered mounting Installation Base (model: M8BSx)
MODEL: M8DM
ORDERING INFORMATION
• Code number: M8DM
GENERAL SPECIFICATIONS
Construction: Plug-in
Mounting screw: M3 screw (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
INSTALLATION
Mounting: Installation Base (model: M8BSx)
Weight: 70 g (2.5 oz)
EXTERNAL DIMENSIONS unit: mm (inch)
I/O PINS
17.5(.69)
75 (2.95)
83 (3.27)
Specifications are subject to change without notice.


Similar Part No. - M8DM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M8DKFL STMICROELECTRONICS-M8DKFL Datasheet
71Kb / 4P
M8 FLASHPSD System Development Tools
21-Jun-2000
M8DKFL-101 STMICROELECTRONICS-M8DKFL-101 Datasheet
71Kb / 4P
M8 FLASHPSD System Development Tools
21-Jun-2000
M8DKPRO STMICROELECTRONICS-M8DKPRO Datasheet
71Kb / 4P
M8 FLASHPSD System Development Tools
21-Jun-2000
M8DKPRO-K52-110 STMICROELECTRONICS-M8DKPRO-K52-110 Datasheet
71Kb / 4P
M8 FLASHPSD System Development Tools
21-Jun-2000
M8DKPRO-K52-220 STMICROELECTRONICS-M8DKPRO-K52-220 Datasheet
71Kb / 4P
M8 FLASHPSD System Development Tools
21-Jun-2000
More results

Similar Description - M8DM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8SED1 MSYSTEM-M8SED1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com