Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8PA-B44-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M8PA-B44-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8PA-B44-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M8PA-B44-R Datasheet HTML 1Page - M-System Co.,Ltd. M8PA-B44-R Datasheet HTML 2Page - M-System Co.,Ltd. M8PA-B44-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: M8PA
M8PA SPECIFICATIONS
ES-5486 Rev.6 Page 2/3
http://www.m-system.co.jp/
5 V pulse: ≤ 1 V
12 V, 24 V pulse: ≤ 4 V
■ AC Voltage Pulse: Specify amplitude and frequency.
Waveform: Sine
Input impedance: 10 kΩ min.
Input amplitude: 0.1 – 100 V p-p
Max. voltage between input terminals: 50 V
50V max.
Amplitude
Vinp-p
t
Volts
DC Offset
VH
VL
■ DC VOLTAGE PULSE
50V max.
Amplitude
Vinp-p
t
Volts
VH
VL
0.08V ≤ VH – VL ≤ 1V 
■ AC VOLTAGE PULSE
Detecting
Level
INSTALLATION
Current consumption: Approx. 50 mA
Operating temperature: 0 to 55°C (32 to 131°F)
Operating humidity: 30 to 95 %RH (non-condensing)
Mounting: Installation Base (model: M8BSx)
Weight: 70 g (2.5 oz)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % (output 10 – 100 %)
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: (0 – 90 %)
approx. 4 seconds for 0 – 50 Hz
approx. 3 seconds for 0 – 100 Hz
approx. 1 second for 0 – 200 Hz
approx. 0.4 seconds for 0 – 1.99 kHz
approx. 0.1 seconds for 0 – 2 kHz or more
Ripple: 0.2 %p-p max. with input ≥ 10 %
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1500 V AC @1 minute (input to output 1 or output 2 or
power to ground)
500 V AC @1 minute (output 1 to output 2 to power)
SWC test: ANSI/IEEE-C37.90.1-1989



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com