Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8CT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M8CT
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8CT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M8CT Datasheet HTML 1Page - M-System Co.,Ltd. M8CT Datasheet HTML 2Page - M-System Co.,Ltd. M8CT Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: M8CT
M8CT SPECIFICATIONS
ES-5482 Rev.9 Page 2/3
http://www.m-system.co.jp/
Response time: ≤ 0.25 sec. (0 – 90 %)
Ripple: 0.5 %p-p max.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1500 V AC @1 minute (input to output 1 or output 2 or
power to ground)
500 V AC @1 minute (output 1 to output 2 to power)
SWC test: ANSI/IEEE-C37.90.1-1989
WARNING
The CTR Must Be Connected Correctly.
1) The CT protector (model: CTR) included in the product
package must be used for safe operations. Turning on the
CT without connecting the CTR opens the circuit and is
potentially dangerous.
2) The CTR is not interchangeable with another.
Be sure to match the serial No. of the CTR to that of the
converter.
3) Connect the CTR’s wires (C, D) and metal legs (A, B) to
the corresponding terminals of the installation base as
indicated in the figure to the right. The metal legs (A, B) are
to be secured at the base terminals together with the
output wires from the CT. Wrong connection may cause
abnormally high temperature in the unit which could lead a
fire in the worst cases.
4) Confirm the right connection of the CTR again before
turning on the CT.
CT Protector
A
B
D C
EXTERNAL DIMENSIONS unit: mm (inch)
I/O PINS
17.5(.69)
75 (2.95)
83 (3.27)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com