Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8DY-661-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M8DY-661-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8DY-661-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M8DY-661-R Datasheet HTML 1Page - M-System Co.,Ltd. M8DY-661-R Datasheet HTML 2Page - M-System Co.,Ltd. M8DY-661-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: M8DY
M8DY SPECIFICATIONS
ES-5476 Rev.7 Page 2/3
http://www.m-system.co.jp/
Response time: ≤ 15 msec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1500 V AC @1 minute (input to output 1 or output 2 or
power to ground)
500 V AC @1 minute (output 1 to output 2 to power)
SWC test: ANSI/IEEE-C37.90.1-1989
BOTTOM VIEW
• Transmitter Power Supply Switch
This switch is provided only when the option is specified
in ordering. Turn the switch right for ON, left for OFF.
Transmitter Power Supply Switch
EXTERNAL DIMENSIONS unit: mm (inch)
I/O PINS
17.5(.69)
75 (2.95)
83 (3.27)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Isolation
Installation Base
Low Drift
Amplifier
OUTPUT 1
3
5
6
7
8
9
10
11
+
–
+
–
OUTPUT 2
S
Z
1
2
4
D
A
B
C
POWER
Output
Driver
Output
Driver
250
Ω
TRANSMITTER
POWER SUPPLY
SWITCH*
24V DC
Supply
Shortcircuit
Protection
–
+
–
+
2-WIRE
TRANSMITTER
+
–
MONITOR
(1 – 5V DC)
V
*Provided only when the option is selected.
2-WIRE
XMTR
+
–
+
INPUT
+
–
+
–
B
C
+
–
250
Ω
■ When Used as DC Supply
■ When Used as Isolator
A
B
C
250
Ω
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com