Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8AP1 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8AP1
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8AP1 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8AP1 Datasheet HTML 1Page - M-System Co.,Ltd. M8AP1 Datasheet HTML 2Page - M-System Co.,Ltd. M8AP1 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M8AP1
M8AP1 SPECIFICATIONS
ES-5371 Rev.4 Page 1/3
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
DC/FREQUENCY CONVERTER
(CE)
Functions & Features
• Providing pulse rate outputs in proportion to DC input
signal
• Space-saving, easy-to-maintain, multi-channel installation
base
MODEL: M8AP1-[1][2]-R[3]
ORDERING INFORMATION
• Code number: M8AP1-[1][2]-R[3]
Specify a code from below for each of [1] through [3].
(e.g. M8AP1-6A1A1-R/Q)
• Output frequency range (e.g. 0 – 500 Hz)
• Specify the specification for option code /Q
(e.g. /C01 )
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[2] OUTPUT 1 / OUTPUT 2
A1A1: Open collector / open collector (max. 10 kHz)
M1M1: 5 V pulse / 5 V pulse (max. 10 kHz)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Installation Base or Single Mount Base Socket (model:
M8BSx)
This unit must be mounted on dedicated base or socket
except Model M8BS2 base.
GENERAL SPECIFICATIONS
Construction: Plug-in
Mounting screw: M3 screw (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
Power supply: Via the Installation Base terminals
(model: M8BSx)
Isolation: Input to output 1 to output 2 to power
Zero adjustment: 0 – 2 % (front)
Span adjustment: 98 to 102 % (front)
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
■ DC Voltage
Input resistance: 1 MΩ min. (10 kΩ min. in power failure)
OUTPUT SPECIFICATIONS
Frequency range: 0 – 0.01 Hz through 10 kHz
(Same frequency for both outputs.)
■ Open Collector: 50 V DC @50 mA
Saturation voltage: 0.5 V DC
■ 5 V Pulse
Hi level: 5 V ±10 %
Lo level: ≤ 0.5 V
Load resistance: 1000 Ω min.
OUTPUT PULSE WIDTH
•Open Collector
•Voltage Pulse
OFF
ON
50%
50%
1 / f
50%
50%
1 / f
H Level
L Level
INSTALLATION
Current consumption: Approx. 60 mA
Operating temperature: 0 to 55°C (32 to 131°F)
Operating humidity: 30 to 95 %RH (non-condensing)


Similar Part No. - M8AP1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP-4A1A1-R MSYSTEM-M8AP-4A1A1-R Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP-4A1A1-R/Q MSYSTEM-M8AP-4A1A1-R/Q Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP-4M1M1-R MSYSTEM-M8AP-4M1M1-R Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP-4M1M1-R/Q MSYSTEM-M8AP-4M1M1-R/Q Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8AP1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com