Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14992 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 14992
Description  Pneumatic counter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

14992 Datasheet(HTML) 1 Page - Festo Corporation.

  14992 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pneumatic counter
PZA-A-B
Part number: 14992
Data sheet
Feature
Value
Type code
PZA
Design
Mechanical sequence counter with pneumatic actuator
Reset method
Manual key or pneumatic signal
Display
6-digit
Actuator drop-off pressure
0.2 ± 0.1 bar
Resetting cutout pressure
0.15 ± 0.1 bar
Actuator response pressure
0.6 ± 0.2 bar
Response pressure resetting
0.6 ± 0.2 bar
Operating pressure
2 bar ... 8 bar
Minimum resetting pressure
2 bar
Min. pulse length for actuator
10 ms
Min. pulse length for reset
180 ms
Minimum pause period for actuator
15 ms
Minimum pause period for reset
50 ms
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Ambient temperature
-10 °C ... 60 °C
Product weight
155 g
Type of mounting
With through-hole
Pneumatic connection
M5
Housing material
ABS
4/30/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 14992

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
14992152 ADELS-14992152 Datasheet
111Kb / 1P
AC 164 VT 3-2 015 white
09/12/2019
1499215P ADELS-1499215P Datasheet
120Kb / 1P
AC 164 VT 3-2 015 pastel blue ZEL white
09/12/2019
More results

Similar Description - 14992

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
Total Counter/Time Counter
logo
Festo Corporation.
VOFC-L-B52-G14-F19A FESTO-VOFC-L-B52-G14-F19A Datasheet
97Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-FG13-F19A FESTO-VOFC-LT-M32C-MC-FG13-F19A Datasheet
98Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19 FESTO-VOFC-LT-M32C-MC-G14-F19 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19A FESTO-VOFC-LT-M32C-MC-G14-F19A Datasheet
89Kb / 2P
Pneumatic valve
CCES-P-C8-E FESTO-CCES-P-C8-E Datasheet
80Kb / 1P
Pneumatic counter
PZA-E-C FESTO-PZA-E-C Datasheet
76Kb / 1P
Pneumatic counter
12638 FESTO-12638 Datasheet
89Kb / 1P
Pneumatic muffler
12741 FESTO-12741 Datasheet
79Kb / 1P
Pneumatic muffler
2307 FESTO-2307 Datasheet
101Kb / 1P
Pneumatic muffler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com