Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZVT-AUT Datasheet(PDF) 1 Page - Festo Corporation.

Part # PZVT-AUT
Description  Reset module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

PZVT-AUT Datasheet(HTML) 1 Page - Festo Corporation.

  PZVT-AUT Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Reset module
PZVT-AUT
Part number: 158496
Data sheet
Feature
Value
Type code
PZVT-AUT
Design
Mechanical sequence counter with pneumatic actuator
Switch-off pressure
≤0.1 bar
Operating pressure
2 bar ... 6 bar
Switch-on pressure
≥1.6 bar
Standard nominal flow rate
50 l/min
Adjustable delay time
0.2 s ... 2 s
Pause period for reset
≥200 ms
Repetition accuracy of time setting
± 0.3 s
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Degree of protection
IP54
With protective cap and panel frame
as per IEC 60529
Ambient temperature
-15 °C ... 60 °C
Product weight
50 g
Type of mounting
Front panel mounting
Pneumatic connection
Internal thread M5
Note on materials
RoHS-compliant
Housing material
ABS
4/30/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - PZVT-AUT

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
Timer
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
Timer
More results

Similar Description - PZVT-AUT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101D06F PANASONIC-MN101D06F Datasheet
118Kb / 5P
RESET
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
System Reset
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
System Reset
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
System Reset
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
System Reset
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
Reset Circuits with Manual Reset Input
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
Reset Circuit with Manual Reset
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
Reset Circuits with Manual Reset Input
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809_10 Datasheet
424Kb / 21P
Reset circuit
05-Jan-2010
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
Reset Circuits with Manual Reset Input
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com