Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1809335 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1809335
Description  Printed-circuit board connector - MSTBVA 2,5/ 9-G-5,08-LR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1809335 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1809335 Datasheet HTML 1Page - PHOENIX CONTACT 1809335 Datasheet HTML 2Page - PHOENIX CONTACT 1809335 Datasheet HTML 3Page - PHOENIX CONTACT 1809335 Datasheet HTML 4Page - PHOENIX CONTACT 1809335 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/1809335
07.06.2012   Page 1 / 5
Printed-circuit board connector - MSTBVA 2,5/ 9-G-5,08-
LR - 1809335
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 9, Pitch: 5.08 mm,
Color: green, Contact surface: Tin, Assembly: Soldering
Key commercial data
Packing unit
0
Minimum order quantity
1
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Length
8.6 mm
Height
14.6 mm
Pitch
5.08 mm
Dimension a
40.64 mm
Number of positions
9
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
Technical data
Range of articles
MSTBVA 2,5/..-G-LR
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal voltage UN
250 V
Maximum load current
12 A


Similar Part No. - 1809335

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809336 PHOENIX-1809336 Datasheet
141Kb / 6P
IC 2,5/ 8-STF-5,08
More results

Similar Description - 1809335

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809267 PHOENIX-1809267 Datasheet
130Kb / 6P
Printed-circuit board connector - MSTBVA 2,5/ 2-G-5,08-LR
1809364 PHOENIX-1809364 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/12-G-5,08-LR
1809306 PHOENIX-1809306 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/ 6-G-5,08-LR
1809348 PHOENIX-1809348 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/10-G-5,08-LR
1809377 PHOENIX-1809377 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/13-G-5,08-LR
1809380 PHOENIX-1809380 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/14-G-5,08-LR
1809393 PHOENIX-1809393 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/15-G-5,08-LR
1809403 PHOENIX-1809403 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/16-G-5,08-LR
1809429 PHOENIX-1809429 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/18-G-5,08-LR
1809432 PHOENIX-1809432 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/19-G-5,08-LR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com