Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4657 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4657
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 17Page - Analog Devices LTM4657 Datasheet HTML 18Page - Analog Devices LTM4657 Datasheet HTML 19Page - Analog Devices LTM4657 Datasheet HTML 20Page - Analog Devices LTM4657 Datasheet HTML 21Page - Analog Devices LTM4657 Datasheet HTML 22Page - Analog Devices LTM4657 Datasheet HTML 23Page - Analog Devices LTM4657 Datasheet HTML 24Page - Analog Devices LTM4657 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM4657
21
Rev. A
For more information www.analog.com
Figure 21. Thermal Image of LTM4657 Running from 12V Input
and 1V Output at 8A Load at 25°C Ambient Without Airflow and
Heat Sink
APPLICATIONS INFORMATION
The 1.0V, 1.5V, 3.3V and 5V power loss curves in
Figure 10 to 13 can be used in coordination with the load
current derating curves in Figure 14 to 20 for calculating
an approximate θJA thermal resistance for the LTM4657
with various airflow conditions. The power loss curves
are taken at room temperature, and are increased with a
multiplicative factor according to the ambient tempera-
ture. This approximate factor is: 1.2 for 120°C at junction
temperature. Maximum load current is achievable while
increasing ambient temperature as long as the junction
temperature is less than 120°C, which is a 5°C guard band
from maximum junction temperature of 125°C. When the
ambient temperature reaches a point where the junction
temperature is 120°C, then the load current is lowered to
maintain the junction at 120°C while increasing ambient
temperature up to 120°C. The derating curves are plotted
with the output current starting at 8A and the ambient
temperature at 30°C. The output voltages are 1.0V, 1.5V,
3.3V and 5V. These are chosen to include the lower and
higher output voltage ranges for correlating the thermal
resistance. Thermal models are derived from several
temperature measurements in a controlled temperature
chamber along with thermal modeling analysis. The junc-
tion temperatures are monitored while ambient tempera-
ture is increased with and without airflow. The power loss
increase with ambient temperature change is factored
into the derating curves. The junctions are maintained at
120°C maximum while lowering output current or power
with increasing ambient temperature. The decreased
output current will decrease the internal module loss as
ambient temperature is increased. The monitored junction
temperature of 120°C minus the ambient operating tem-
perature specifies how much module temperature rise can
be allowed. As an example, in Figure 17 the load current
is derated to ~5.5A at ~100°C with no air flow or heat sink
and the power loss for the 12V to 1.5V at 5.5A output is
about 1.2W. The 1.2W loss is calculated with the ~1W
room temperature loss from the 12V to 1.5V power loss
curve at 5.5A, and the 1.2 multiplying factor at 120°C
junction temperature. If the 100°C ambient temperature
is subtracted from the 120°C junction temperature,
then the difference of 20°C divided by 1.2W equals a
16.8°C/W θJA thermal resistance. Table 4 specifies a
17°C/W value which is very close. Table 3, Table 4, Table 5
and Table 6 provide equivalent thermal resistances for
1.0V, 1.5V, 3.3V and 5V outputs with and without air-
flow and heat sinking. The derived thermal resistances
in Table 3, Table 4, Table 5 and Table 6 for the various
conditions can be multiplied by the calculated power loss
as a function of ambient temperature to derive tempera-
ture rise above ambient, thus maximum junction tem-
perature. Room temperature power loss can be derived
from the efficiency curves in the Typical Performance
Characteristics section and adjusted with the above ambi-
ent temperature multiplicative factors. The printed circuit
board is a 1.6mm thick 4-layer board with two ounce
copper for the two outer layers and one ounce copper
for the two inner layers. The PCB dimensions are 95mm
× 76mm. A Typical thermal image based on this PCB is
shown in Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com