Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4649 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4649
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4649 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4649 Datasheet HTML 9Page - Analog Devices LTM4649 Datasheet HTML 10Page - Analog Devices LTM4649 Datasheet HTML 11Page - Analog Devices LTM4649 Datasheet HTML 12Page - Analog Devices LTM4649 Datasheet HTML 13Page - Analog Devices LTM4649 Datasheet HTML 14Page - Analog Devices LTM4649 Datasheet HTML 15Page - Analog Devices LTM4649 Datasheet HTML 16Page - Analog Devices LTM4649 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM4657
13
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Input RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of mul-
tiphase operation. The input RMS ripple current cancella-
tion mathematical derivations are presented, and a graph
is displayed representing the RMS ripple current reduc-
tion as a function of the number of interleaved phases.
Figure 4 shows this graph.
Soft-Start And Output Voltage Tracking
The TRACK/SS pin provides a means to either soft start
the regulator or track it to a different power supply. A
capacitor on the TRACK/SS pin will program the ramp
rate of the output voltage. An internal 6µA current source
will charge up the external soft-start capacitor towards
INTVCC voltage. When the TRACK/SS voltage is below
0.5V, it will take over the internal 0.5V reference voltage
to control the output voltage. The total soft-start time can
be calculated as:
tSS =0.5•
CSS
6µA
where CSS is the capacitance on the TRACK/SS pin. Cur-
rent foldback and forced continuous mode are disabled
during the soft-start process.
Output voltage tracking can also be programmed exter-
nally using the TRACK/SS pin. The output can be tracked
up and down with another regulator. Figure 5 and Figure 6
show an example waveform and schematic of ratiometric
tracking where the slave regulator’s output slew rate is
proportional to the master’s.
Figure 5. Output Ratiometric Tracking Waveform
Figure 6. Example Schematic of Ratiometric Output Voltage Tracking
TIME
SLAVE OUTPUT
MASTER OUTPUT
4657 F05
FREQ
VIN
RUN
INTVCC
MODE
TRACK/SS
PGOOD
VOUT
VOSNS+
FB
COMPa
COMPb
GND
VOSNS–
RFB(MA)
30.1k
LTM4657
22µF
25V
VIN
3.1V TO 20V
VOUT(MA)
1.5V
8A
100µF
6.3V
×2
RTR(BOT)
30.1k
RFB(SL)
60.4k
RTR(TOP)
60.4k
FREQ
VIN
RUN
INTVCC
MODE
TRACK/SS
PGOOD
VOUT
FB
COMPa
COMPb
GND
VOSNS–
4657 F06
LTM4657
22µF
25V
VOUT(SL)
1.0V
8A
100µF
6.3V
×2
VOSNS+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com