Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8XV3-Z1V2Z1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M8XV3-Z1V2Z1-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8XV3-Z1V2Z1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M8XV3-Z1V2Z1-R Datasheet HTML 1Page - M-System Co.,Ltd. M8XV3-Z1V2Z1-R Datasheet HTML 2Page - M-System Co.,Ltd. M8XV3-Z1V2Z1-R Datasheet HTML 3Page - M-System Co.,Ltd. M8XV3-Z1V2Z1-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M8XV3
M8XV3 SPECIFICATIONS
ES-5386 Rev.6 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEWS
■ FRONT VIEW
■ SIDE VIEW
■ BOTTOM VIEW
Zero/Span Selector
Input Range Selector
UP Switch
Status Indicator LED
Configurator Jack
DOWN Switch
Output Range Selector
V
V
L
I
I
H
S
Z
I
I
H
V
OFF
Z
S
L
V
Input Range Selector
(SW POSITION: RANGE)
I / L: Z1 (0 – 50 mA DC)
V / L: S1 (-1 – +1 V DC)
V / H: S2 (-10 – +10 V DC)
Output Range Selector
(SW POSITION: RANGE)
I: V2Z1 (-10 – +10 V / 0 – 20 mA DC)
V: V2V2 (-10 – +10 V / -10 – +10 V DC)
Zero/Span Selector
(SW POSITION: MODE)
S: SPAN
Center: OFF
Z: ZERO
Zero/Span is calibrated by using UP/DOWN switches when
the calibration mode is set. Refer to the instruction manual
for detailed procedures.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com