Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8XT2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8XT2
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8XT2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8XT2 Datasheet HTML 1Page - M-System Co.,Ltd. M8XT2 Datasheet HTML 2Page - M-System Co.,Ltd. M8XT2 Datasheet HTML 3Page - M-System Co.,Ltd. M8XT2 Datasheet HTML 4Page - M-System Co.,Ltd. M8XT2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: M8XT2
M8XT2 SPECIFICATIONS
ES-5470 Rev.7 Page 1/5
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
THERMOCOUPLE CONVERTER
(PC programmable)
Functions & Features
• Converts a wide variety of thermocouple input into two
isolated, linearized process signals
• PC programmable
• Cold junction compensation
• Linearization
• Burnout protection
• User's temperature table can be used
• Space-saving, easy-to-maintain, multi-channel installation
base
MODEL: M8XT2-[1][2]-R[3]
ORDERING INFORMATION
• Code number: M8XT2-[1][2]-R[3]
Specify a code from below for each of [1] through [3].
(e.g. M8XT2-2V2V2-R/Q)
• Input range (e.g. 0 – 800°C)
• Output 1 / Output 2 (e.g. 1 – 5 V / 1 – 5 V DC)
K thermocouple setting will be used if the input code is not
specified. If no I/O specifications are specified, model M8XT2
-2V2V2-R/Q will be shipped.
For the input suffix code 0, use Ordering Information Sheet
(No. ESU-5470).
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT THERMOCOUPLE
1: (PR) (Usable Range 0 to 1760°C, 32 to 3200°F)
2: K (CA) (Usable range -270 to +1370°C, -454 to +2498°F)
3: E (CRC) (Usable range -270 to +1000°C, -454 to +1832°F)
4: J (IC) (Usable range -210 to +1200°C, -346 to +2192°F)
5: T (CC) (Usable range -270 to +400°C, -454 to +752°F)
6: B (RH) (Usable range 0 to 1820°C, 32 to 3308°F)
7: R (Usable range -50 to +1760°C, -58 to +3200°F)
8: S (Usable range -50 to +1760°C, -58 to +3200°F)
9: C (WRe 5-26) (Usable range 0 to 2315°C, 32 to 4199°F)
N: N (Usable range -270 to +1300°C, -454 to +2372°F)
U: U (Usable Range -200 to +400°C, -328 to +752°F)
L: L (Usable Range -200 to +900°C, -328 to +1652°F)
P: P (Platinel II) (Usable Range 0 to 1395°C, 32 to 2543°F)
0: Specify
(Configurator software is used to change the input type and
range.)
[2] OUTPUT 1 / OUTPUT 2
V2Z1: Range -10 – +10 V DC / Range 0 – 20 mA DC
V2V2: Range -10 – +10 V DC / Range -10 – +10 V DC
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Installation Base or Single Mount Base Socket (model:
M8BSx)
This unit must be mounted on dedicated base or socket
except Model M8BS-1-1 socket.
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Mounting screw: M3 screw (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
Power supply: Via the Installation Base terminals
(model: M8BSx)
Isolation: Input to output 1 to output 2 to power
Overrange output: Approx. -15 to +115 %
Manual zero adjustments: -5 to +5 %
(factory setting: 0 %)


Similar Part No. - M8XT2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8XT3 MSYSTEM-M8XT3 Datasheet
107Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XT3-0V2V2-R MSYSTEM-M8XT3-0V2V2-R Datasheet
107Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XT3-0V2V2-R/Q MSYSTEM-M8XT3-0V2V2-R/Q Datasheet
107Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XT3-0V2Z1-R MSYSTEM-M8XT3-0V2Z1-R Datasheet
107Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XT3-0V2Z1-R/Q MSYSTEM-M8XT3-0V2Z1-R/Q Datasheet
107Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8XT2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com