Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8XM3 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8XM3
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8XM3 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8XM3 Datasheet HTML 1Page - M-System Co.,Ltd. M8XM3 Datasheet HTML 2Page - M-System Co.,Ltd. M8XM3 Datasheet HTML 3Page - M-System Co.,Ltd. M8XM3 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M8XM3
M8XM3 SPECIFICATIONS
ES-5383 Rev.6 Page 1/4
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
POTENTIOMETER CONVERTER
(PC programmable, CE)
Functions & Features
• Provides two isolated DC outputs proportional to a
potentiometer or slidewire position input
• PC programmable
• Captures zero/span points using front switches
• Space-saving, easy-to-maintain, multi-channel installation
base
MODEL: M8XM3-[1]-R[2]
ORDERING INFORMATION
• Code number: M8XM3-[1]-R[2]
Specify a code from below for each of [1] and [2].
(e.g. M8XM3-V2V2-R/Q)
• Input Range (e.g. 0 – 800 Ω)
• Output 1 / Output 2 (e.g. 1 – 5 V / 1 – 5 V DC)
If no I/O specifications are specified, model M8XM3-V2V2-
R/Q will be shipped.
[Total resistance 1kΩ, V2V2: 1 - 5 V DC / 1 - 5 V DC]
• Use Ordering Information Sheet (No. ESU-5472) to specify
linearization data when the I/O signals are nonlinear. Linear
data will be programmed if not otherwise specified.
• Specify the specification for option code /Q
(e.g. /C01)
INPUT POTENTIOMETER
Total resistance 50 Ω – 8 kΩ
(Configurator software is used to change the input range.)
[1] OUTPUT 1 / OUTPUT 2
V2Z1: Range -10 – +10 V DC / Range 0 – 20 mA DC
V2V2: Range -10 – +10 V DC / Range -10 – +10 V DC
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Installation Base or Single Mount Base Socket (model:
M8BSx)
This unit must be mounted on dedicated base or socket.
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Mounting screw: M3 screw (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
Power supply: Via the Installation Base terminals
(model: M8BSx)
Isolation: Input to output 1 to output 2 to power
Overrange output: Approx. -15 to +115 %
Manual zero adjustments: -5 to +5 %
(factory setting: 0 %)
Manual span adjustments: 95 to 105 %
(factory setting: 100 %)
Programming: Downloaded from PC; input range (total
resistance), output range, zero and span, simulating output,
linearization, etc.
Burnout protection: Upscale standard; downscale or no
burnout optional by programming
Status indicator LED: Blinking patterns indicate different
operating status of the transmitter.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level


Similar Part No. - M8XM3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8XM2 MSYSTEM-M8XM2 Datasheet
100Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XM2-V2V2-R MSYSTEM-M8XM2-V2V2-R Datasheet
100Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XM2-V2V2-R/Q MSYSTEM-M8XM2-V2V2-R/Q Datasheet
100Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XM2-V2Z2-R MSYSTEM-M8XM2-V2Z2-R Datasheet
100Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XM2-V2Z2-R/Q MSYSTEM-M8XM2-V2Z2-R/Q Datasheet
100Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8XM3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com