Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8XM2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M8XM2
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8XM2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M8XM2 Datasheet HTML 1Page - M-System Co.,Ltd. M8XM2 Datasheet HTML 2Page - M-System Co.,Ltd. M8XM2 Datasheet HTML 3Page - M-System Co.,Ltd. M8XM2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M8XM2
M8XM2 SPECIFICATIONS
ES-5472 Rev.8 Page 2/4
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Minimum span
(Input Range (Total Resistance): Minimum Span)
0 – 50 Ω (50 Ω): 2.5 Ω
0 – 100 Ω (50 – 100 Ω): 3 Ω
0 – 250 Ω (100 – 250 Ω): 3 Ω
0 – 800 Ω (250 – 800 Ω): 10 Ω
0 – 8 kΩ (800 Ω – 8 kΩ): 10 Ω
Excitation: ≤ 0.65 V DC at 1 kΩ
If not specified, the total resistance is 1 kΩ.
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Operational range: 0 – 24 mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 6 V max.
(e.g. 4 – 20 mA: 300 Ω [6 V ÷ 20 mA])
■ DC Voltage: -10 – +10 V DC
Operational range: -11.5 – +11.5 V DC
Minimum span: 1 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
(e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA])
If not specified, the output range is shown below.
V2Z1: 1 – 5 V / 4 – 20 mA DC
V2V2: 1 – 5 V / 1 – 5 V DC
INSTALLATION
Current consumption: Approx. 50 mA (70 mA for current
output)
Operating temperature: 0 to 55°C (32 to 131°F)
Operating humidity: 30 to 95 %RH (non-condensing)
Mounting: Installation Base (model: M8BSx)
Weight: 70 g (2.5 oz)
PERFORMANCE
Overall accuracy:
Input accuracy + output accuracy [gain ≤ 1]
(inp. accuracy + out. accuracy) × gain [gain > 1]
Inversely proportional to the span.
See HOW TO CALCULATE THE ACCURACY.
• Input accuracy: (% of input range)
0 – 50 Ω : ±0.02 %
0 – 100 Ω : ±0.02 %
0 – 250 Ω : ±0.01 %
0 – 800 Ω : ±0.01 %
0 – 8 kΩ : ±0.02 %
• Output accuracy: (% of output range)
-10 – +10 V : ±0.02 %
0 – 20 mA : ±0.04 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of I/O range
at 0 to 55°C [32 to 131°F]
Response time: ≤ 0.9 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1500 V AC @1 minute (input to output 1 or output 2 or
power to ground)
500 V AC @1 minute (output 1 to output 2 to power)
HOW TO CALCULATE THE ACCURACY
■ Overall Accuracy
[Example] Total resistance 800 Ω, 250 – 750 Ω input, 1 – 5 V
output
Input Accuracy
= Max. Range ÷ Input Span × Input Accuracy
= 800 ÷ 500 × 0.01
= 0.02
Output Accuracy
= Max. Range ÷ Output Span × Output Accuracy
= 20 ÷ 4 × 0.02 = 0.1
Overall Accuracy
= 0.02 + 0.1
= ±0.12 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com