Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8VS-06A-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M8VS-06A-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8VS-06A-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M8VS-06A-R Datasheet HTML 1Page - M-System Co.,Ltd. M8VS-06A-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: M8VS
M8VS SPECIFICATIONS
ES-5468 Rev.6 Page 2/2
http://www.m-system.co.jp/
1500 V AC @1 minute (input to output 1 or output 2 or
power to ground)
500 V AC @1 minute (output 1 to output 2 to power)
SWC test: ANSI/IEEE-C37.90.1-1989
EXTERNAL DIMENSIONS unit: mm (inch)
I/O PINS
17.5(.69)
75 (2.95)
83 (3.27)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Isolation
Installation Base
Low Drift
Amplifier
OUTPUT 1
3
5
6
7
8
9
10
11
+
–
+
–
OUTPUT 2
S
Z
1
2
4
D
A
B
C
POWER
Output
Driver
Output
Driver
+
–
INPUT
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com