Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8TS1-644-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M8TS1-644-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8TS1-644-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M8TS1-644-R Datasheet HTML 1Page - M-System Co.,Ltd. M8TS1-644-R Datasheet HTML 2Page - M-System Co.,Ltd. M8TS1-644-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: M8TS1
M8TS1 SPECIFICATIONS
ES-5381 Rev.5 Page 2/3
http://www.m-system.co.jp/
Linearization: Standard
Cold junction compensation: CJC sensor attached to the
input terminals (B thermocouple is without CJC as standard)
INPUT SPECIFICATIONS
Minimum span: 3 mV
Offset: max. 1.5 times span
Input resistance: 1 MΩ min. (10 kΩ min. at loss of power)
Burnout sensing: 0.1 μA
Minimum span in temperature
(PR): 370°C, 670°F
K (CA): 75°C, 140°F
E (CRC): 50°C, 90°F
J (IC): 60°C, 110°F
T (CC): 75°C, 140°F
B (RH): 780°C, 1410°F
R: 360°C, 650°F
S: 380°C, 690°F
N: 110°C, 200°F
(For the temperatures that range below 0°C, the transmitter
may partially not satisfy the described accuracy. Consult
factory.)
INSTALLATION
Current consumption: Approx. 30 mA (50 mA for current
output)
Operating temperature: 0 to 55°C (32 to 131°F)
Operating humidity: 30 to 95 %RH (non-condensing)
Mounting: Installation Base (model: M8BSx)
Weight: 70 g (2.5 oz)
PERFORMANCE in percentage of span
Accuracy: ±0.2 % of F.S. typ.; varies according to the span
(at over 400°C or 750°F for R and S; over 770°C or 1420°F
for B)
Cold junction compensation error
(at 25°C ±5°C or 77°F ±9°F)
K, E, J, T, N: ±0.3°C or ±0.6°F
S, R, PR: ±0.5°C or ±0.9°F
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
(at over 400°C or 750°F for R and S; over 770°C or 1420°F
for B)
Response time: ≤ 0.2 sec. (0 – 90 %)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1500 V AC @1 minute (input to output 1 or output 2 or
power to ground)
500 V AC @1 minute (output 1 to output 2 to power)
SWC test: ANSI/IEEE-C37.90.1-1989
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com