Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC547 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC547
Description  Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC547 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC547 Datasheet HTML 1Page - Panasonic Semiconductor 2SC547 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SC5473
hFE — IC
fT — IC
| S21e |
2 — I
C
NF — IC
0.1
1
10
100
0.3
3
30
0
240
200
160
120
80
40
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
1
3
10
30
100
0
14
12
4
10
8
2
6
V
CE=3V
Collector current I
C
(mA)
1
3
10
30
100
0
10
8
6
4
2
V
CE=3V
f=2GHz
Collector current I
C
(mA)
0.1
0.3
1
3
10
0
5
4
3
2
1
V
CE=3V
f=1.5GHz
Collector current I
C
(mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com