Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EWL2520-R18 Datasheet(PDF) 7 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EWL2520-R18
Description  WOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EWL2520-R18 Datasheet(HTML) 7 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EWL2520-R18 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EWL2520-R18 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EWL2520-R18 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EWL2520-R18 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EWL2520-R18 Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD. EWL2520-R18 Datasheet HTML 6Page - EXCEL CELL ELECTRONIC CO., LTD. EWL2520-R18 Datasheet HTML 7Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ECE
-
The Name You Can Trust!
TAPE & REEL PACKAGING
■ Packaging - Cover Tape
Reel Dimensions
Reel type
W=8mm
W=12mm
A
Ø
178mm
Ø
178mm
N
Ø
50mm min.
Ø
50mm min.
W1
8.4+1.5mm
12.4+2.0mm
W2
14.4mm max.
18.4mm max.
■ Packaging Quantity
Type
Reel/Tape
Type
Reel/Tape
100505
10000
EWL2520
2000
160808
4000
EWL3225
2000
201209
4000
EWL4532
500
201212
3000
EWH0603
4000
321611
3000
EWH0805
2000
321616
2000
EWH1008
2000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com