Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8YS2-AA-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8YS2-AA-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8YS2-AA-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8YS2-AA-R Datasheet HTML 1Page - M-System Co.,Ltd. M8YS2-AA-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: M8YS2
M8YS2 SPECIFICATIONS
ES-5481 Rev.1 Page 1/2
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
OUTPUT ISOLATOR
(high load capacity)
Functions & Features
• Converts a high-level DC input signal into an isolated DC
signal
• Clustered mounting base with both maintainability and
high-density mounting is available
• Load resistance of 750 Ω can be used
MODEL: M8YS2-[1]A-R[2]
ORDERING INFORMATION
• Code number: M8YS2-[1]A-R[2]
Specify a code from below for each of [1] and [2].
(e.g. M8YS2-6A-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/V01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 200 - 750 Ω)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
ADJUSTMENT
/V01: Multi-turn fine adjustment
RELATED PRODUCTS
• Installation Base or Single Mount Base Socket (model:
M8BSx)
This unit must be mounted on dedicated base or socket.
GENERAL SPECIFICATIONS
Construction: Plug-in
Mounting screw: M3 screw (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
Power supply: Via the Installation Base terminals
(model: M8BSx)
Isolation: Input to output to power
Zero adjustment: -2 to +2 % (front)
Span adjustment: 98 to 102 % (front)
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
■ DC Voltage
Input resistance: 1 MΩ min. (10 kΩ min. in power failure)
INSTALLATION
Current consumption: Approx. 50 mA
Operating temperature: 0 to 55°C (32 to 131°F)
Operating humidity: 30 to 95 %RH (non-condensing)
Mounting: Installation Base (model: M8BSx)
Weight: 70 g (2.5 oz)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 15 msec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1500 V AC @1 minute(input or power to output to ground)
500 V AC @1 minute(input to power)
SWC test: ANSI/IEEE-C37.90.1-1989


Similar Part No. - M8YS2-AA-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8YS MSYSTEM-M8YS Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS-44-R MSYSTEM-M8YS-44-R Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS-44-R/Q MSYSTEM-M8YS-44-R/Q Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS-45-R MSYSTEM-M8YS-45-R Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS-45-R/Q MSYSTEM-M8YS-45-R/Q Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8YS2-AA-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8SED1 MSYSTEM-M8SED1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com