Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8YV-A44-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8YV-A44-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8YV-A44-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8YV-A44-R Datasheet HTML 1Page - M-System Co.,Ltd. M8YV-A44-R Datasheet HTML 2Page - M-System Co.,Ltd. M8YV-A44-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M8YV
M8YV SPECIFICATIONS
ES-5460 Rev.12 Page 1/3
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
SIGNAL CONVERTER
Functions & Features
• Converting a DC input into two isolated process signals
• Space-saving, easy-to-maintain, multi-channel installation
base
MODEL: M8YV-[1][2]-R[3]
ORDERING INFORMATION
• Code number: M8YV-[1][2]-R[3]
Specify a code from below for each [1] through [3].
(e.g. M8YV-46A-R/F/BL/Q)
• Special input range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01 /V01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 62.5 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT 1 / OUTPUT 2
6A: 1 – 5 V DC (Load resistance 2500 Ω min.)
/ 4 – 20 mA DC (Load resistance 300 Ω max.)
44: 0 – 10 V DC (Load Resistance 5000 Ω min.)
/ 0 – 10 V DC (Load Resistance 5000 Ω min.)
55: 0 – 5 V DC (Load resistance 2500 Ω min.)
/ 0 – 5 V DC (Load resistance 2500 Ω min.)
66: 1 – 5 V DC (Load resistance 2500 Ω min.)
/ 1 – 5 V DC (Load resistance 2500 Ω min.)
99: 1 – 9 V DC (Load resistance 4500 Ω min.)
/ 1 – 9 V DC (Load resistance 4500 Ω min.)
4W4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
/ -10 – +10 V DC (Load resistance 10 kΩ min.)
5W5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
/ -5 – +5 V DC (Load resistance 5000 Ω min.)
(The output code 99 can be combined only with the input
code A, B, C, D, E, F, G, H, 3 or 6.
The output code 4W4W can be combined only with the input
code 4W or 5W. The output code 5W5W can be combined
only with the input code 5W.
For all other output codes, any input code except 4W can be
selected.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS (multiple selections)
Response Time (0 – 90 %)
blank: Standard (≤ 15 msec.)
/F: Fast Response (Approx. 1 msec.)
Burnout
blank: No burnout
/BL: Downscale burnout
(Select ‘3’,‘4’,‘5’,‘6’ for ‘Input’ code.)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
ADJUSTMENT
/V01: Multi-turn fine adjustment
RELATED PRODUCTS
• Installation Base or Single Mount Base Socket (model:
M8BSx)
This unit must be mounted on dedicated base or socket.


Similar Part No. - M8YV-A44-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1-044-R MSYSTEM-M8YV1-044-R Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1-044-R/F MSYSTEM-M8YV1-044-R/F Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1-044-R/Q MSYSTEM-M8YV1-044-R/Q Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1-04W4W-R MSYSTEM-M8YV1-04W4W-R Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8YV-A44-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com