Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8YV-B44-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M8YV-B44-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8YV-B44-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M8YV-B44-R Datasheet HTML 1Page - M-System Co.,Ltd. M8YV-B44-R Datasheet HTML 2Page - M-System Co.,Ltd. M8YV-B44-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: M8YV
M8YV SPECIFICATIONS
ES-5460 Rev.12 Page 2/3
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Plug-in
Mounting screw: M3 screw (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
Power supply: Via the Installation Base terminals
(model: M8BSx)
Isolation: Input to output 1 to output 2 to power
Zero adjustment: -2 to +2 % (front)
(±1 % with the input suffix codes 4W and 5W selected)
Span adjustment: 98 to 102 % (front)
(99 to 101 % with the input suffix codes 4W and 5W
selected.)
At burnout: Downscale ≤ -5 %
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
Specify input resistance value for code Z.
(R ≤ 0.25 W ÷ [F.S. Current]2)
■ DC Voltage: -10 – +10 V DC
Minimum span: 1 V
Offset: Max. 1.5 times span
Input resistance: 1 MΩ min.
(10 kΩ min. at loss of power)
Burnout sensing: Approx. 13 μA
INSTALLATION
Current consumption: Approx. 20 mA (40 mA for current
output)
Operating temperature: 0 to 55°C (32 to 131°F)
Operating humidity: 30 to 95 %RH (non-condensing)
Mounting: Installation Base (model: M8BSx)
Weight: 70 g (2.5 oz)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1500 V AC @1 minute (input to output 1 or output 2 or
power to ground)
500 V AC @1 minute (output 1 to output 2 to power)
SWC test: ANSI/IEEE-C37.90.1-1989



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com